Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU1G Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # GBU1G
Description  1.0 Ampere Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GBU1G Datasheet(HTML) 3 Page - Fairchild Semiconductor

  GBU1G Datasheet HTML 1Page - Fairchild Semiconductor GBU1G Datasheet HTML 2Page - Fairchild Semiconductor GBU1G Datasheet HTML 3Page - Fairchild Semiconductor GBU1G Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMA/DO-214AC (FS PKG Code P5)
SMA/DO-214AC Package Dimensions
August 1999, Rev. A
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.064
2
1
0.208 (5.283)
0.188 (4.775)
0.181 (4.597)
0.157 (3.988)
0.096 (2.438)
0.078 (1.981)
0.062 (1.575)
0.055 (1.397)
0.008 (0.203)
0.002 (0.051)
0.012 (0.305)
0.006 (0.152)
0.060 (1.524)
0.030 (0.762)
0.114 (2.896)
0.098 (2.489)
+
3.93
3.73
1.67
1.47
2.38
2.18
5.49
5.29
Minimum Recommended
Land Pattern


Similar Part No. - GBU1G

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBU10 NELLSEMI-GBU10 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
GBU10 ZSELEC-GBU10 Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU10 ZSELEC-GBU10 Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU10 NELLSEMI-GBU10 Datasheet
565Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Nanjing International G...
GBU10 DGNJDZ-GBU10 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBU1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A Datasheet
90Kb / 4P
   1.0 Ampere High Efficiency Glass Passivated Rectifier
1N4001GP FAIRCHILD-1N4001GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
DF005S THINKISEMI-DF005S Datasheet
606Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
DB101S THINKISEMI-DB101S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
Fairchild Semiconductor
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A- FAIRCHILD-EGP10A- Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com