Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKT Datasheet(PDF) 1 Page - Kingtronics International Company

Part # TKT
Description  TKT Tantalum Capacitor ??Dipped
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

TKT Datasheet(HTML) 1 Page - Kingtronics International Company

  TKT Datasheet HTML 1Page - Kingtronics International Company TKT Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
TKT
Tantalum Capacitor – Dipped
■Brief Introduction:
TKT series sinter-anode, epoxy-coated solid electrolyte tantalum capacitors are encapsulated with flame
Retardant yellow epoxy powder, marked with laser. TKT Series meets and exceeds the requirements of IEC
Specification 384-15-3,IECQ Specification QC300201/US003 and Technical Specification SJ/T10856-96,used In military (on request) and
civil applications such as TV sets, camcorders, computers ,Program-controlled electronic telephone switching systems, telephones,
instruments and meters.
■Specifications
OPERATING TEMPERATURE
-55℃ to +125℃; >85℃ with rated voltage derating.
RATED VOLTAGE
See table 1
DC LEAKAGE AT 25℃
Io ≤0.02CRVR or 1μA (Whichever is greater).
DISSIPATION FACTOR AT 25℃
Please See Table 3
CAPACITANCE RANGE
0.047μF to 680μF
CAPACITANCE TOLERANCE
M (±20%), K(±10%), J( ±5%, for special order)
CASE SIZES AND DIMENSIONS
Please see Table 2
TEMPERATURE CHARACTERISTICS See Table 3
■Rated Voltage, Nominal Capacitance and Case Sizes
Table 1
Rated
Voltage (V)
3
4
6.3
10
16
20
25
35
50
Voltage
Derating (V)
2
2.7
4
7
10
15
17
23
33
Surge Voltage
(V) +85℃
4
5
8
13
20
26
33
46
65
Capacitance
Case size
0.047
A
A
0.068
A
A
0.1
A
A
0.15
A
A
0.22
A
A
0.33
A
A
0.47
A
A
0.68
A
A
1.0
A
A
A
A
B
1.5
A
A
A
A
C
2.2
A
A
A
A
B
C
3.3
A
A
A
B
B
B
D
4.7
A
A
A
A
B
B
B
C
D
6.8
A
A
A
B
B
C
C
D
E
10
A
A
B
B
B
C
C
D
E
15
A
A
B
C
C
D
D
E
F
22
B
B
C
C
C
D
D
E
F
33
B
B
C
D
D
E
E
F
47
C
C
D
D
D
E
E
F
68
D
D
D
D
E
F
F
100
D
D
E
E
D
F
F
150
D
E
E
E
F
220
E
E
E
F
330
E
F
F
470
F
680
F
■Dimensions (unit: mm)
Table 2
Case Size
D (max)
L (max)
S (±1mm)
d (±0.05mm)
A
4.5
7.0
2.54
0.5
B
5.0
8.0
2.54
0.5
C
5.5
9.5
2.54
0.5
D
6.5
11.0
2.54
0.5
E
8.5
13.0
5.08
0.5
F
9.5
16.5
5.08
0.5
■Temperature Characteristics
Table 3
Cap. Change (%)
DF Max. (%)
DCL Max. (μF)
Capacitance
(uF)
-55℃
+85℃
+125℃
-55℃
+25℃
+85℃
+125℃
+25℃
+85℃
+125℃
<1.0
6
4
6
6
1.5 ~ 6.8
8
6
8
8
10 ~ 68
10
8
10
10
100 ~ 680
±
10
±
15
±
25
12
10
12
12
Io≤0.02
CRvR or
1uF
whichever
is greater
+10 Io
+12.5Io


Similar Part No. - TKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TKT-CLEAN-SFC ETC-TKT-CLEAN-SFC Datasheet
151Kb / 2P
   Fiber Optic Cleaning Toolkit Single-fiber and Duplex connectors
2022-10-04
More results

Similar Description - TKT

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Kemet Corporation
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
DB Lectro Inc
CA42 DBLECTRO-CA42 Datasheet
157Kb / 5P
   CA42 Dipped Tantalum Capacitors
logo
Kemet Corporation
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com