Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKT-2R-600A2 Datasheet(PDF) 4 Page - Kingtronics International Company

Part # SKT-2R-600A2
Description  SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SKT-2R-600A2 Datasheet(HTML) 4 Page - Kingtronics International Company

  SKT-2R-600A2 Datasheet HTML 1Page - Kingtronics International Company SKT-2R-600A2 Datasheet HTML 2Page - Kingtronics International Company SKT-2R-600A2 Datasheet HTML 3Page - Kingtronics International Company SKT-2R-600A2 Datasheet HTML 4Page - Kingtronics International Company SKT-2R-600A2 Datasheet HTML 5Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
4
COMMON DIMENSIONS
Electrical Characteristics
Type
DC
spark-over
voltage
(100V/s)
V
Impulse
spark-over
voltage
(1KV/us)
V
Impulse
discharge current
(10/1000us
300times)
A
Impulse
discharge current
(8/20us 10times)
KA
AC
discharge
current
(50Hz 1s 5 times)
A
Holdover
Voltage
V
Insulation
resistance
Capacitance
pF
10
10
SKT-2R-90K
90±25%
≤600
50
5
5
/
≥1010
<1.5
+30
10
10
SKT-2R-230K
230
-40
≤800
100
5
5
135
≥1010
<1
10
10
SKT-2R-350K
350±20%
≤800
100
5
5
135
≥1010
<1
Note: Specification are subject to change without notice.


Similar Part No. - SKT-2R-600A2

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SKT-3R-105A KINGTRONICS-SKT-3R-105A Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
SKT-3R-150AF1 KINGTRONICS-SKT-3R-150AF1 Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
SKT-3R-150AF2 KINGTRONICS-SKT-3R-150AF2 Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
SKT-3R-150AF4 KINGTRONICS-SKT-3R-150AF4 Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
SKT-3R-150AL1 KINGTRONICS-SKT-3R-150AL1 Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
More results

Similar Description - SKT-2R-600A2

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SKT-SURGE-ARRESTERS KINGTRONICS-SKT-SURGE-ARRESTERS Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
logo
EPCOS
M51_A230X EPCOS-M51_A230X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4651102 EPCOS-B88069X4651102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X6821B101 EPCOS-B88069X6821B101 Datasheet
71Kb / 4P
   Surge arrester 2-electrode arrester
B88069X8920B252 EPCOS-B88069X8920B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
M50_A230X EPCOS-M50_A230X Datasheet
122Kb / 4P
   Surge arrester 2-electrode arrester
B88069X8860B502 EPCOS-B88069X8860B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X8800B252 EPCOS-B88069X8800B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
M51_A350X EPCOS-M51_A350X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com