Electronic Components Datasheet Search |
|
LKT0402X0R5J250R Datasheet(PDF) 3 Page - Kingtronics International Company |
|
LKT0402X0R5J250R Datasheet(HTML) 3 Page - Kingtronics International Company |
3 / 8 page Website: www.kingtronics.com Email: info@kingtronics.com Tel: (852) 8106 7033 Fax: (852) 8106 7099 3 LKT Low Voltage Multilayer Chip Ceramic Capacitor Specification and Test Condition: 1. Appearance Dielectrics Specification Testing Condition NPO/X7R/X5R/Y5V No defects or abnormalities Visual inspection 2. Dimensions Dielectrics Specification Testing Condition NPO/X7R/X5R/Y5V Within the specified dimensions Using calipers on micrometer 3. Capacitance Dielectrics Specification Testing Condition NPO Within the specified tolerance B:±0.1pF;C:±0.25pF;D:±0.5pF;J: ±5% 1.0±0.2Vrms, 1MHz±10% (C>1000 pF, 1.0±0.2Vrms, 1KHz±10%,) 25℃ X7R/X5R Within the specified tolerance J: ±5%;K: ±10%; M: ±20% 1.0±0.2Vrms, 1KHz±10% ( Cp>10uF,0.5±0.1Vrms,120±24Hz) at 25 ,48hrs after annealing ℃ Y5V Within the specified tolerance M: ±20%; Z: +80% ~ -20% 1.0±0.2Vrms, 1KHz±10% ( Cp>10uF,0.5±0.1Vrms,120±24Hz) at 25℃, 48hrs after annealing 4. Dissipation Factor Dielectrics Specification Testing Condition NPO Cp<30pF, Q≥400+20Cp; Cp≥30pF, Q≥1000 1.0±0.2Vrms,1MHz±10% ,25℃ (Cp>1000pF,1.0±0.2Vrms,1KHz±10%) X7R/X5R VR≥25V, DF ≤2.5% VR =16V, DF ≤3.5% VR ≤10V, DF ≤5.0% 1.0±0.2Vrms, 1KHz±10%, (Cp>10uF,0.5±0.1Vrms,120±24Hz) at 25℃,48hrs after annealing Y5V VR≥25V, DF ≤7.0% (C<1.0μF) DF ≤9.0% (C≥1.0μF) VR =16V, DF ≤9.0% VR ≤10V, DF ≤12.5% 1.0±0.2Vrms, 1KHz±10%, (Cp>10uF,0.5±0.1Vrms,120±24Hz) at 25℃,48hrs after annealing 5. Insulation Resistance Dielectrics Specification Testing Condition NPO/X7R/ X5R/Y5V More than 10 GΩ or 500Ω·F, whichever is smaller. Rated voltage for 60±5sec, at 25℃ 6. Dielectric Strength Dielectrics Specification Testing Condition NPO /X7R/X5R/Y5V No defects or abnormalities. No failure shall be observed when 300% (NPO);250% (X7R/ X5R/Y5V)of the rated voltage is applied between terminations for 1 to 5 seconds, provided the charge /discharge current is less than 500mA |
Similar Part No. - LKT0402X0R5J250R |
|
Similar Description - LKT0402X0R5J250R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |