Electronic Components Datasheet Search |
|
LKT0402X0R5K250R Datasheet(PDF) 1 Page - Kingtronics International Company |
|
LKT0402X0R5K250R Datasheet(HTML) 1 Page - Kingtronics International Company |
1 / 8 page Website: www.kingtronics.com Email: info@kingtronics.com Tel: (852) 8106 7033 Fax: (852) 8106 7099 1 LKT Low Voltage Multilayer Chip Ceramic Capacitor Capacitance and Capacitance Tolerance Different circuit needs different capacitance and capacitance tolerance. So the selection of capacitance is depended on the need of customers. ■ Dielectric Material Type of Capacitor -NPO : The capacitor of this kind dielectric material is considered as ClassⅠcapacitor, including general capacitor and high frequency NPO capacitor. The electrical properties of NPO capacitor are the most stable one and have little change with temperature, voltage and time. They are suited for applications where low-losses and high-stability are required, such as filters, oscillators, and timing circuits. - X7R, X5R : X7R, X5R material is a kind of material has high dielectric constant. The capacitor made of this kind material is considered as Class Ⅱ capacitor whose capacitance is higher than that of class Ⅰ. These capacitors are classified as having a semi-stable temperature characteristic and used over a wide temperature range, such in these kinds of circuits, DC-blocking, decoupling, bypassing, frequency discriminating etc. -Y5V : The capacitor made of this kind of material is the highest dielectric constant of all ceramic capacitors. They are used over a moderate temperature range in application where high capacitance is required because of its unstable temperature coefficient, but where moderate losses and capacitance changes can be tolerated. Its capacitance and dissipation factors are sensible to measuring conditions, such as temperature and voltage, etc. Temperature Range NPO/ X7R: -55~125℃ X5R: -55~85℃ Y5V: -30~85℃ Voltage 16, 25, 50, 63 VDC. Capacitance 0.5pF ~ 10uF Terminations Tin / Nickel Tolerance ±0.1pF , +80 ~ -20% Packing Tape and Reel (0402, 0603, 0805, 1206, 1210, 1812, 2220) Dielectric & Values NPO X7R Y5V Z5U consult product pages of catalog for cap ranges and voltage rating |
Similar Part No. - LKT0402X0R5K250R |
|
Similar Description - LKT0402X0R5K250R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |