Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB812PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFB812PBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB812PBF Datasheet(HTML) 7 Page - International Rectifier

  IRFB812PBF Datasheet HTML 1Page - International Rectifier IRFB812PBF Datasheet HTML 2Page - International Rectifier IRFB812PBF Datasheet HTML 3Page - International Rectifier IRFB812PBF Datasheet HTML 4Page - International Rectifier IRFB812PBF Datasheet HTML 5Page - International Rectifier IRFB812PBF Datasheet HTML 6Page - International Rectifier IRFB812PBF Datasheet HTML 7Page - International Rectifier IRFB812PBF Datasheet HTML 8Page - International Rectifier IRFB812PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRFB812PbF
www.irf.com
7
Fig 16.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS


Similar Part No. - IRFB812PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB812PBF IRF-IRFB812PBF Datasheet
259Kb / 8P
   ZERO VOLTAGE SWITCHING SMPS
IRFB812PBF IRF-IRFB812PBF_15 Datasheet
259Kb / 8P
   ZERO VOLTAGE SWITCHING SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com