Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSLA1CF Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # CSLA1CF
Description  Linear Current Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSLA1CF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CSLA1CF Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSLA1CF Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSLA1CF Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Sensors
CS Series
Linear Current Sensors
58
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Linear output
AC or DC current sensing
Through-hole design
Fast response time
Output voltage isolation from input
Minimum energy dissipation
Maximum current limited only by
conductor size
Adjustable performance and built-in
temperature compensation assures
reliable operation
Accurate, low cost sensing
Operating temperature range –25 to
85°C
Housing: PET polyester
LINEAR CURRENT SENSORS
MICRO SWITCH CS series linear current
sensors incorporate our 91SS12-2 and
SS94A1linear output Hall effect transduc-
er (LOHETTM). The sensing element is as-
sembled in a printed circuit board mount-
able housing. This housing is available in
four configuration as shown in mounting
dimension figures 1, 1a, 2 and 2a. Normal
mounting is with 0.375 inch long 4-40
screw and square nut (not provided) in-
serted in the housing or a 6-20 self-tap-
ping screw. The combination of the sen-
sor, flux collector, and housing compris-
es the holder assembly. These sensors
are ratiometric.
ORDER GUIDE — BOTTOM MOUNT WITH 9SS SENSOR, SOURCE OUTPUT
Sensed
Sensitivity
Mtg.
Supply
Supply
Current
Offset
mV N*
Offset
Response
Catalog
Dim.
Volt.
Current
(Amps
Volt.
At 12 VDC
Shift
Time
Listing
Fig.
(Volts DC) (mA Max.) Peak)
(Volts±10%)
Nominal
± TOL
(%/°C)
(µ Sec.)
CSLA1CD
1
8 to 16
19
57
Vcc/2
49.6
5.8
±.05
3
CSLA1CE
1
8 to 16
19
75
Vcc/2
39.4
4.4
±.05
3
CSLA1DE
2
8 to 16
19
75
Vcc/2
39.1
4.8
±.05
3
CSLA1CF
1
8 to 16
19
100
Vcc/2
29.7
2.7
±.05
3
CSLA1DG
2
8 to 16
19
120
Vcc/2
24.6
2.1
±.05
3
CSLA1CH
1
8 to 16
19
150
Vcc/2
19.6
1.8
±.05
3
CSLA1DJ
2
8 to 16
19
225
Vcc/2
13.2
1.2
±.05
3
CSLA1EJ
1a
8 to 16
19
225
Vcc/2
13.2
1.5
±.05
3
CSLA1DK
2
8 to 16
19
325
Vcc/2
9.1
1.7
±.05
3
CSLA1EK
1a
8 to 16
19
325
Vcc/2
9.4
1.3
±.05
3
CSLA1EL
1a
8 to 16
19
625
Vcc/2
5.6
1.3
±.05
3
BOTTOM MOUNT WITH SS9 SENSOR, SINK/SOURCE OUTPUT
Sensed
Sensitivity
Mtg.
Supply
Supply
Current
Offset
mV N*
Offset
Response
Catalog
Dim.
Volt.
Current
(Amps
Volt.
At 8 VDC
Shift
Time
Listing
Fig.
(Volts DC) (mA Max.) Peak)
(Volts±2%)
Nominal
± TOL
(%/°C)
(µ Sec.)
CSLA2CD
1
6 to 12
20
72
Vcc/2
32.7
3.0
±.02
3
CSLA2CE
1
6 to 12
20
92
Vcc/2
26.1
2.1
±.02
3
CSLA2DE
2
6 to 12
20
92
Vcc/2
25.6
2.2
±.02
3
CSLA2CF
1
6 to 12
20
125
Vcc/2
19.6
1.3
±.02
3
CSLA2DG
2
6 to 12
20
150
Vcc/2
16.2
1.1
±.02
3
CSLA2DJ
2
6 to 12
20
225
Vcc/2
8.7
0.6
±.020
3
CSLA2DH
2
6 to 12
20
235
Vcc/2
9.8
1.1
±.0125
3
CSLA2EJ
1a
6 to 12
20
310
Vcc/2
7.6
0.7
±.0125
3
CSLA2DK
2
6 to 12
20
400
Vcc/2
5.8
0.5
±.0125
3
CSLA2EL
1a
6 to 12
20
550
Vcc/2
4.3
0.4
±.0125
3
CSLA2EM
1a
6 to 12
20
765
Vcc/2
3.1
0.3
±.007
3
CSLA2EN
1a
6 to 12
20
950
Vcc/2
2.3
0.2
±.007
3
NOTE: When monitoring purely AC current with zero DC component, a capacitor can be inserted in series with the output of the current sensor. The capacitor will block
out the effect of the temperature variation of the offset voltage which increases the accuracy of the device.
*N = number of turns
PDFINFO
p a g e - 0 5 8


Similar Part No. - CSLA1CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSLA1CD ETC1-CSLA1CD Datasheet
686Kb / 6P
   CURRENT SENSORS
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - CSLA1CF

ManufacturerPart #DatasheetDescription
logo
SICK AG
OLM100-1006 SICK-OLM100-1006 Datasheet
1Mb / 6P
   LINEAR MEASUREMENT SENSORS
OLM100-1001 SICK-OLM100-1001 Datasheet
1Mb / 6P
   LINEAR MEASUREMENT SENSORS
OLM100-1005 SICK-OLM100-1005 Datasheet
905Kb / 6P
   LINEAR MEASUREMENT SENSORS
OLM200-1052 SICK-OLM200-1052 Datasheet
1Mb / 7P
   LINEAR MEASUREMENT SENSORS
OLV80-11234 SICK-OLV80-11234 Datasheet
656Kb / 5P
   LINEAR MEASUREMENT SENSORS
OLM100-1003 SICK-OLM100-1003 Datasheet
1Mb / 6P
   LINEAR MEASUREMENT SENSORS
OLM100-1005S01 SICK-OLM100-1005S01 Datasheet
905Kb / 6P
   LINEAR MEASUREMENT SENSORS
OLM100-1201 SICK-OLM100-1201 Datasheet
1Mb / 6P
   LINEAR MEASUREMENT SENSORS
OLM100-1203 SICK-OLM100-1203 Datasheet
1Mb / 6P
   LINEAR MEASUREMENT SENSORS
OLV40-11134 SICK-OLV40-11134 Datasheet
656Kb / 5P
   LINEAR MEASUREMENT SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com