Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMA7475C Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # GMA7475C
Description  0.7 5X7 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMA7475C Datasheet(HTML) 6 Page - Fairchild Semiconductor

  GMA7475C Datasheet HTML 1Page - Fairchild Semiconductor GMA7475C Datasheet HTML 2Page - Fairchild Semiconductor GMA7475C Datasheet HTML 3Page - Fairchild Semiconductor GMA7475C Datasheet HTML 4Page - Fairchild Semiconductor GMA7475C Datasheet HTML 5Page - Fairchild Semiconductor GMA7475C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
0.7" 5 x 7
DOT MATRIX DISPLAYS


Similar Part No. - GMA7475C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
GMA7475C QT-GMA7475C Datasheet
519Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
GMA7475CA QT-GMA7475CA Datasheet
508Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA7475CA FAIRCHILD-GMA7475CA Datasheet
533Kb / 6P
   0.7 5X7 DOT MATRIX DISPLAYS
More results

Similar Description - GMA7475C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
GMA7175C QT-GMA7175C Datasheet
519Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
GMA7175CA QT-GMA7175CA Datasheet
508Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA7175CA FAIRCHILD-GMA7175CA Datasheet
533Kb / 6P
   0.7 5X7 DOT MATRIX DISPLAYS
logo
QT Optoelectronics
GMA2875C QT-GMA2875C Datasheet
591Kb / 7P
   2.0 5X7 DOT MATRIX DISPLAYS
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
   0.7 inch -5x7 LED DOT MATRIX
logo
Yellow Stone Corp
BM-11257MD YSTONE-BM-11257MD Datasheet
137Kb / 1P
   Single Color 5x7 Dot Matrix Displays
logo
Lite-On Technology Corp...
LTP-757HR LITEON-LTP-757HR Datasheet
991Kb / 8P
   0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY
logo
Unity Opto Technology
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
logo
Kingbright Corporation
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com