Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3100 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3100
Description  Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3100 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Electrical Specifications
Over recommended temperature (T
A = -40°C to +100°C, HCPL-3100; TA = -40°C to +85°C, HCPL-3101) unless otherwise specified.
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input Forward
V
F
HCPL-3100
-
1.2
1.4
V
I
F = 20 mA
T
A = 25°C13
Voltage
0.6
0.9
-
V
I
F = 0.2 mA
HCPL-3101
-
1.6
1.75
V
I
F = 10 mA
14
1.2
1.5
-
V
I
F = 0.2 mA
Input Reverse
I
R
HCPL-3100
-
-
10
µAV
R = 4 V
T
A = 25°C
Current
HCPL-3101
V
F = 5 V
Input Capacitance
C
IN
HCPL-3100
-
30
250
pF
V
F = 0 V, f = 1 kHz, TA = 25°C
HCPL-3101
-
60
150
pF
V
F = 0 V, f = 1 MHz, TA = 25°C
Output 1
Low
V
O1L
HCPL-3100
-
0.2
0.4
V
I
F = 10 mA
V
CC1 = 12 V,
2, 17,
2
Level
I
O1 = 0.1 A,
18
Voltage
HCPL-3101
I
F = 5 mA
V
CC2 = -12 V
Leakage
I
O1L
--
500
µAV
CC = VO1 = 35 V, VO2 = 0 V
5
Current
I
F = 0 mA, TA = 25°C
Output 2
High
V
O2H
HCPL-3100
20
22
-
V
I
F = 10 mA
V
CC = 24 V,
3, 19,
2
Level
V
O1 = 24 V,
20
Voltage
HCPL-3101
I
F = 5 mA
I
O2 = -0.1 A
Low
V
O2L
-
0.5
0.8
V
V
CC = VO1 = 24 V, IO2 = 0.1 A,
4, 21,
Level
I
F = 0 mA
22
Voltage
Leakage
I
O2L
HCPL-3100
-
-
500
µAI
F = 10 mA
V
CC = 35 V,
6
Current
V
O2 = 35 V,
HCPL-3101
I
F = 5 mA
T
A = 25°C
Supply
High
I
CCH
HCPL-3100
-
1.3
3.0
mA
V
O1 = 24 V
7, 23
2
Current
Level
V
CC = 24 V, IF = 10 mA
HCPL-3101
-
1.3
3.0
mA
V
O1 = 24 V
V
CC = 24 V, IF = 5 mA
Low
I
CCL
-
1.3
3.0
mA
V
O1 = 24 V
7, 24
Level
V
CC = 24 V, IF = 0 mA
Low to High
I
FLH
HCPL-3100
1.0
4.0
7.0
mA
T
A = 25°C
8, 15,
2, 3
Threshold Input
16
0.6
-
10.0
mA
V
CC = VO1 = 24 V
HCPL-3101
0.3
1.5
3.0
mA
T
A = 25°C
0.2
-
5.0
mA
V
CC = VO1 = 24 V


Similar Part No. - HCPL-3100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

Similar Description - HCPL-3100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Kersemi Electronic Co.,...
IRF840A KERSEMI-IRF840A Datasheet
705Kb / 8P
   Uninterruptable Power Supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com