Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2631 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2631
Description  High CMR Line Receiver Optocouplers Isolated line receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2631 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2631 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2631 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Schematic
SHIELD
8
6
5
2
4
VI
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS REQUIRED (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
VE
IE
7
3
II
+
90
Ordering Information
HCPL-2602/HCPL-2612 is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Option
Part
RoHS
non RoHS
Surface
Gull
Tape
Number
Compliant
Compliant
Package
Mount
Wing
& Reel
Quantity
HCPL-2602 -000E
no option
300 mil DIP-8
50 per tube
HCPL-2612 -300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the
option column to form an order entry.
Example 1:
HCPL-2602-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging and RoHS
compliant.
Example 2:
HCPL-2612 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for
information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15,
2001 and RoHS compliant will use ‘–XXXE.’


Similar Part No. - HCPL-2631

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2631 QT-HCPL-2631 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Broadcom Corporation.
HCPL-2631 BOARDCOM-HCPL-2631 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2631 HP-HCPL-2631 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631 HP-HCPL-2631 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2631 HP-HCPL-2631 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Similar Description - HCPL-2631

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com