Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-MR00-AGH00 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MR00-AGH00
Description  Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MR00-AGH00 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-MR00-AGH00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Color Bin Selection [x
3]
Individual reel will contain parts from one full bin only.
Option Selection Details
ASMT-Mxxx – x x
1 x2 x3 x4
x
1 – Minimum Flux Bin Selection
x
2 – Maximum Flux Bin Selection
x
3 – Color Bin Selection
x
4 – Packaging Option
Other Colors
0
Full Distribution
Z
A and B
Y
B and C
W
C and D
V
D and E
Q
A, B and C
P
B, C and D
N
C, D and E
Flux Bin Limit [x
1 x2]
Bin
Luminous Flux (lm) at I
F = 350mA
Min.
Max.
D
11.5
15.0
E
15.0
19.5
F
19.5
25.5
G
25.5
33.0
H
33.0
43.0
J
43.0
56.0
K
56.0
73.0
Tolerance for each bin limits is ±10%
Color Bin Limits
Color
Bin
Min.
Max.
Red
Full Distribution
620.0
635.0
Amber
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
Blue
A
455.0
460.0
B
460.0
465.0
C
465.0
470.0
D
470.0
475.0
Green
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Tolerance: ± 1 nm


Similar Part No. - ASMT-MR00-AGH00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MR00-AGH00 AVAGO-ASMT-MR00-AGH00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
More results

Similar Description - ASMT-MR00-AGH00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MT00 AVAGO-ASMT-MT00 Datasheet
307Kb / 9P
   Moonstone Tri-Color Power LED Light Source
logo
Broadcom Corporation.
ASMT-MT00 BOARDCOM-ASMT-MT00 Datasheet
697Kb / 12P
   Moonstone??Tri-Color Power LED Light Source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com