Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-MG00 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MG00
Description  Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MG00 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-MG00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DISCLAIMER
AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR
SALE AS PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT OP-
ERATION OF A NUCLEAR FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS SOLELY RE-
SPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE,
EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.
Handling Precaution
The encapsulation material of the product is made of sili-
cone for better reliability of the product. As silicone is a
soft material, please do not press on the silicone or poke
a sharp object onto the silicone. These might damage
the product and cause premature failure. During as-
sembly or handling, the unit should be held on the body
only. Please refer to Avago Application Note AN5288 for
detail information.
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a
for InGaN devices and MSL 4 for AlInGaP devices per
Jedec J-STD-020. Precautions when handling this mois-
ture sensitive product is important to ensure the reliabil-
ity of the product. Do refer to Avago Application Note
AN5305 Handling of Moisture Sensitive Surface Mount
Devices for details.
A. Storage before use
• Unopen moisture barrier bag (MBB) can be stored
at <40°C/90%RH for 12 months. If the actual shelf
life has exceeded 12 months and the humidity
indicator card (HIC) indicates that baking is not
required, then it is safe to reflow the LEDs per the
original MSL rating.
• It is not recommended to open the MBB prior to
assembly (e.g. for IQC).
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes AV01-0668EN
AV02-0129EN
- December 10, 2012
B. Control after opening the MBB
• The humidity indicator card (HIC) shall be read
immediately upon opening of MBB.
• The LEDs must be kept at <30°C/60%RH at all time
and all high temperature related process including
soldering, curing or rework need to be completed
within 672 hours for MSL 2a and 72 hours for MSL
4.
C. Control for unfinished reel
• For any unused LEDs, they need to be stored in
sealed MBB with desiccant or desiccator at <5%RH.
D. Control of assembly boards
• If the PCB soldered with the LEDs is to be subjected
to other high temperature processes, the PCB
need to be stored in sealed MBB with desiccant
or desiccator at <5%RH to ensure no LEDs have
exceeded their floor life of 672 hours for MSL 2a
and 72 hours for MSL 4.
E. Baking is required if
• HIC “10%” indicator is not blue and “5%” indicator
is pink. - The LEDs are exposed to condition of
>30°C/60% RH at any time.
• The LEDs floor life exceeded 672 hours for MSL 2a
and 72 hours for MSL 4.
Recommended baking condition: 60±5ºC for 20hrs.


Similar Part No. - ASMT-MG00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MG00 AVAGO-ASMT-MG00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MG00 AVAGO-ASMT-MG00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
More results

Similar Description - ASMT-MG00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MT00 AVAGO-ASMT-MT00 Datasheet
307Kb / 9P
   Moonstone Tri-Color Power LED Light Source
logo
Broadcom Corporation.
ASMT-MT00 BOARDCOM-ASMT-MT00 Datasheet
697Kb / 12P
   Moonstone??Tri-Color Power LED Light Source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com