Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF316 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF316
Description  BROADBAND RF POWER TRANSISTOR NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF316 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF316 Datasheet HTML 1Page - Motorola, Inc MRF316 Datasheet HTML 2Page - Motorola, Inc MRF316 Datasheet HTML 3Page - Motorola, Inc MRF316 Datasheet HTML 4Page - Motorola, Inc MRF316 Datasheet HTML 5Page - Motorola, Inc MRF316 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MRF316
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
. . . designed primarily for wideband large–signal output amplifier stages in the
30 – 200 MHz frequency range.
• Guaranteed Performance at 150 MHz, 28 Vdc
Output Power = 80 Watts
Minimum Gain = 10 dB
• Built–In Matching Network for Broadband Operation
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability Applications
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
35
Vdc
Collector–Base Voltage
VCBO
65
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
Collector Current — Peak
IC
9.0
13.5
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
220
1.26
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.8
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 50 mAdc, IB = 0)
V(BR)CEO
35
Vdc
Collector–Emitter Breakdown Voltage
(IC = 50 mAdc, VBE = 0)
V(BR)CES
65
Vdc
Collector–Base Breakdown Voltage
(IC = 50 mAdc, IE = 0)
V(BR)CBO
65
Vdc
Emitter–Base Breakdown Voltage
(IE = 5.0 mAdc, IC = 0)
V(BR)EBO
4.0
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 4.0 Adc, VCE = 5.0 Vdc)
hFE
10
80
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
100
130
pF
NOTE:
(continued)
1. This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier.
Order this document
by MRF316/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF316
80 W, 3.0 – 200 MHz
CONTROLLED “Q”
BROADBAND RF POWER
TRANSISTOR
NPN SILICON
CASE 316–01, STYLE 1
© Motorola, Inc. 1997
REV 7


Similar Part No. - MRF316

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
   The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
logo
Advanced Semiconductor
MRF316 ASI-MRF316 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
   The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
logo
eleflow technologies co...
MRF316 ELEFLOW-MRF316 Datasheet
45Kb / 2P
   NPN Silicon RF power transistor
More results

Similar Description - MRF316

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF326 MOTOROLA-MRF326 Datasheet
107Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF338 MOTOROLA-MRF338 Datasheet
132Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF325 MOTOROLA-MRF325 Datasheet
95Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF329 MOTOROLA-MRF329 Datasheet
107Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BFT75 SIEMENS-BFT75 Datasheet
68Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFT12 SIEMENS-BFT12 Datasheet
88Kb / 4P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW30 SIEMENS-BFW30 Datasheet
61Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW93 SIEMENS-BFW93 Datasheet
63Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com