Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46V128M4 Datasheet(PDF) 4 Page - Micron Technology

Part # MT46V128M4
Description  512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V128M4 Datasheet(HTML) 4 Page - Micron Technology

  MT46V128M4 Datasheet HTML 1Page - Micron Technology MT46V128M4 Datasheet HTML 2Page - Micron Technology MT46V128M4 Datasheet HTML 3Page - Micron Technology MT46V128M4 Datasheet HTML 4Page - Micron Technology MT46V128M4 Datasheet HTML 5Page - Micron Technology MT46V128M4 Datasheet HTML 6Page - Micron Technology MT46V128M4 Datasheet HTML 7Page - Micron Technology MT46V128M4 Datasheet HTML 8Page - Micron Technology MT46V128M4 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDR_x4x8x16_Core1.fm - 512Mb DDR: Rev. Q; Core DDR Rev. E 7/11 EN
4
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 DDR SDRAM
State Diagram
State Diagram
Figure 2:
Simplified State Diagram
Note:
This diagram represents operations within a single bank only and does not capture concur-
rent operations in other banks.
Power
on
Power
applied
REFS
LMR
REFA
REFSX
ACT
CKE LOW
CKEL
CKE HIGH
CKEH
PRE
Precharge
all banks
MR
EMR
Self
refresh
Idle
all banks
precharged
Row
active
Burst
stop
Read
Read A
Automatic sequence
Command sequence
Write
WRITE
WRITE
Write A
WRITE A
Precharge
PREALL
Active
power-
down
Precharge
power-
down
Auto
refresh
PRE
WRITE A
READ A
READ A
PRE
PRE
READ A
READ
READ
READ
BST
ACT = ACTIVE
BST = BURST TERMINATE
CKEH = Exit power-down
CKEL = Enter power-down
EMR = Extended mode register
LMR = LOAD MODE REGISTER
MR = Mode register
PRE = PRECHARGE
PREALL = PRECHARGE all banks
READ A = READ with auto precharge
REFA = AUTO REFRESH
REFS = Enter self refresh
REFSX = Exit self refresh
WRITE A = WRITE with auto precharge
PRE
LMR


Similar Part No. - MT46V128M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V128M4 MICRON-MT46V128M4 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V128M4TG-75 MICRON-MT46V128M4TG-75 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4TG-75L MICRON-MT46V128M4TG-75L Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V128M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com