Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-41533 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AT-41533
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AT-41533 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AT-41533 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AT-41533 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT-41511, AT-41533
General Purpose, Low Noise NPN
Silicon Bipolar Transistors
Data Sheet
Description
Avago’s AT-41511 and AT-41533 are general purpose NPN
bipolar transistors that offer excellent high frequency
performance at an economical price. The AT-41533 uses
the 3 lead SOT-23, while the AT-41511 places the same
die in the lower parasitic 4 lead SOT-143. Both packages
are industry standard, and compatible with high volume
surface mount assembly techniques.
The 4 micron emitter-to-emitter pitch of these transistors
yields high performance products that can perform a
multiplicity of tasks. The 14 emitter finger interdigitated
geometry yields an intermediate-sized transistor with easy
to match to impedances, low noise figure, and moderate
power.
Optimized for best performace from a 5 to 8 volt bias
supply, these transistors are also good performers at 2.7
V. Applications include use in wireless systems as an LNA,
gain stage, buffer, oscillator, or active mixer.
An optimum noise match near 50 ohms at 900 MHz makes
thesedevicesparticularlyeasytouseasLNAs.Typicalampli-
fier designs at 900 MHz yield 1 dB noise figures with 15 dB
or more associated gain at a 5 V, 5 mA bias, with good gain
and noise figure obtainable at biases as low as 2 mA.
The AT-415 series bipolar transistors are fabricated using
Avago’s 10 GHz fT Self-Aligned-Transistor (SAT) process.
The die are nitride passivated for surface protection. Ex-
cellent device uniformity, performance and reliability are
produced by the use of ion-implantation, self-alignment
techniques, and gold metalization in the fabrication of
these devices.
Features
x General Purpose NPN Bipolar Transistor
x 900 MHz Performance:
AT-41511: 1 dB NF, 15.5 dB GA
AT-41533: 1 dB NF, 14.5 dB GA
x Characterized for 3, 5, and 8Volt Use
x SOT-23 and SOT-143 SMT Plastic Packages
x Tape-and-Reel Packaging Option Available
x Lead-free
Pin Connections and Package Marking
Notes:
Top View. Package Marking provides orientation and identification.
"x" is the date code.
BASE
EMITTER
EMITTER COLLECTOR
BASE
EMITTER
COLLECTOR
415x
415x
SOT 23 (AT-41533)
SOT 143 (AT-41511)


Similar Part No. - AT-41533

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41533 HP-AT-41533 Datasheet
103Kb / 10P
   General Purpose, Low Noise NPN Silicon Bipolar Transistor
AT-41533-BLK HP-AT-41533-BLK Datasheet
103Kb / 10P
   General Purpose, Low Noise NPN Silicon Bipolar Transistor
AT-41533-TR1 HP-AT-41533-TR1 Datasheet
103Kb / 10P
   General Purpose, Low Noise NPN Silicon Bipolar Transistor
More results

Similar Description - AT-41533

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
   General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532 AVAGO-AT-41532 Datasheet
1Mb / 14P
   General Purpose, Low Current NPN Silicon Bipolar Transistor
logo
M-pulse Microwave Inc.
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
   Silicon Bipolar Low Noise microwave Transistors
logo
NTE Electronics
NTE16 NTE-NTE16 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Low Noise, General Purpose Amplifier
logo
M-pulse Microwave Inc.
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
   Silicon Bipolar Low Noise Microwave Transistors
MP42001 MPLUSE-MP42001 Datasheet
131Kb / 7P
   Silicon Bipolar Low Noise Microwave Transistors
logo
ON Semiconductor
MMBT2132T3 ONSEMI-MMBT2132T3_06 Datasheet
59Kb / 4P
   General Purpose Transistors NPN Bipolar Junction Transistor
January, 2006 ??Rev. 1
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com