Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-57R5APZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57R5APZ
Description  Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57R5APZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-57R5APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-57R5APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature
TS
-40
100
C
Note 1, 2
Case Operating Temperature
TC
-40
100
C
Note 1, 2
Relative Humidity
RH
5
95
%
Note 1
Supply Voltage
VccT, R
-0.5
3.8
V
Note 1, 2, 3
Low Speed Input Voltage
VIN
-0.5
Vcc+0.5
V
Note 1
Notes;
1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short
period of time. See Reliability Data Sheet for specific reliability performance.
2. Between Absolute Maximum Ratings and the Recommended Operating Conditions functional performance is not intended, device reliability
is not implied, and damage to the device may occur over an extended period of time.
3. The module supply voltages, VCCT and VCCR must not differ by more than 0.5 V or damage to the device may occur.
Table 4. Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Case Operating Temperature
TC
-10
85
°C
Note 1, 2
Supply Voltage
VccT, R
2.97
3.63
V
Note 2
Data Rate
1.0625
4.25
Gb/s
Note 2
Notes:
1. The Ambient Operating Temperature limitations are based on the Case Operating Temperature limitations and are subject to the host system
thermal design.
2. Recommended Operating Conditions are those values for which functional performance and device reliability is implied.
Table 5. Transceiver Electrical Characteristics
(TC= -10°C to 85°C, VccT, VccR = 3.3V ±10%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
AC Electrical Characteristics
Power Supply Noise Rejection (peak-peak)
PSNR
100
mV
Note 1
DC Electrical Characteristics
Module Supply Current
ICC
210
mA
Power Dissipation
PDISS
765
mW
Low Speed Outputs:
VOH
2.0
VccT,R+0.3
V
Note 2
Transmit Fault (TX_FAULT), Loss of Signal
VOL
0.8
V
(RX_LOS), MOD-DEF 2
Low Speed Inputs:
VIH
2.0
Vcc
V
Note 3
Transmit Disable (TX_DIS),
VIL
0
0.8
V
MOD-DEF 1, MOD-DEF2
Notes:
1. Filter per SFP specification is required on host board to remove 10 Hz to 2 MHz content.
2. Pulled up externally with a 4.7 k – 10 kΩ resistor on the host board to 3.3 V.
3. Mod-Def1 and Mod-Def2 must be pulled up externally with a 4.7 k – 10 kΩ resistor on the host board to 3.3V.


Similar Part No. - AFBR-57R5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
517Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
669Kb / 22P
   16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
logo
Broadcom Corporation.
AFBR-57R5APZ BOARDCOM-AFBR-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFBR-57R5APZ BOARDCOM-AFBR-57R5APZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
ATGBICS by Approved Tec...
AFBR-57R5APZ-AN1-C ATGBICS-AFBR-57R5APZ-AN1-C Datasheet
375Kb / 10P
   AFBR-57R5APZ-AN1 Avago Broadcom Compatible Transceiver SFP 4.25/2.125/1.0625/1.25GBase-FC (850nm, MMF, 300m, DOM, Ext Temp)
More results

Similar Description - AFBR-57R5APZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AFBR-59R5ALZ AD-AFBR-59R5ALZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ Datasheet
269Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
   Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
logo
Broadcom Corporation.
AFCT-57D5ATPZ BOARDCOM-AFCT-57D5ATPZ Datasheet
380Kb / 18P
   Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ Datasheet
380Kb / 18P
   Digital Diagnostic SFP, 10km, 1310nm DFB, 8.5/4.25/2.125 GBd Fibre Channel RoHS Compliant Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
204Kb / 20P
   SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com