Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M75L-560E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M75L-560E
Description  Single-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M75L-560E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M75L-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M75L-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Package Dimensions
ACPL-M75L (JEDEC MO-155 Package)
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
V CC
V OUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050) BSC
0.216 ± 0.038
(0.0085 ± 0.0015)
0.71
(0.028) MIN
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
8.27
(0.325)
2.0
(0.080)
2.5
(0.10)
1.3
(0.05)
0.64
(0.025)
4.4
(0.17)
Dimensions in millimeters and (inches)
Land Pattern Recommendation


Similar Part No. - ACPL-M75L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71U AVAGO-ACPL-M71U Datasheet
103Kb / 11P
   Industrial CANBus communications interface
ACPL-M72T AVAGO-ACPL-M72T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
More results

Similar Description - ACPL-M75L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W70L-000E AVAGO-ACPL-W70L-000E Datasheet
357Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
ACPL-071L AVAGO-ACPL-071L Datasheet
540Kb / 12P
   Single-channel and Dual-channel High Speed 15 MBd CMOS optocoupler with Glitch-Free Power-Up Feature
logo
Broadcom Corporation.
ACPL-W70L-000E BOARDCOM-ACPL-W70L-000E Datasheet
815Kb / 16P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler with Glitch-Free Power-Up Feature
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K73L-060E AVAGO-ACPL-K73L-060E Datasheet
370Kb / 14P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-074L-000E AVAGO-ACPL-074L-000E Datasheet
259Kb / 1P
   Single-channel and Dual-channel High Speed 15 MBd
logo
Vishay Siliconix
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com