Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQN1N50CTA Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQN1N50CTA
Description  N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQN1N50CTA Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQN1N50CTA Datasheet HTML 1Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 2Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 3Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 4Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 5Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 6Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 7Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Dimensions in Millimeters
www.fairchildsemi.com
©20
01 Fairchild Semiconductor Corporation
FQN1N50C Rev. C0
Mechanical Dimensions
TO-92


Similar Part No. - FQN1N50CTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQN1N50C FAIRCHILD-FQN1N50C Datasheet
1Mb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQN1N50CTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com