Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQN1N50CTA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQN1N50CTA
Description  N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQN1N50CTA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQN1N50CTA Datasheet HTML 1Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 2Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 3Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 4Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 5Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 6Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 7Page - Fairchild Semiconductor FQN1N50CTA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
1N50C
FQN1N50C
TO-92
--
--
2000ea
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
500
--
--
V
∆BVDSS/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.5
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
50
µA
VDS = 400 V, TC = 125°C
--
--
250
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 0.19 A
--
4.6
6.0
gFS
Forward Transconductance
VDS = 40 V, ID = 0.19A
(Note 4)
--
0.6
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
150
195
pF
Coss
Output Capacitance
--
28
40
pF
Crss
Reverse Transfer Capacitance
--
4.1
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 1.0 A,
RG = 25 Ω
(Note 4, 5)
--
10
30
ns
tr
Turn-On Rise Time
--
10
30
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
15
40
ns
Qg
Total Gate Charge
VDS = 400 V, ID = 1.0 A,
VGS = 10 V
(Note 4, 5)
--
4.9
6.4
nC
Qgs
Gate-Source Charge
--
0.66
--
nC
Qgd
Gate-Drain Charge
--
2.9
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
0.38
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
3.04
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 0.38 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 1.0 A,
dIF / dt = 100 A/µs
(Note 4)
--
188
--
ns
Qrr
Reverse Recovery Charge
--
0.55
--
µC
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 80mH, IAS = 1.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 0.38A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
6. a) Reference point of the RθJL is the drain lead
b) When mounted on 3”x4.5” FR-4 PCB without any pad copper in a still air environment
(RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance. RθCA is determined by the user’s board design)
www.fairchildsemi.com
©20
01 Fairchild Semiconductor Corporation
FQN1N50C Rev. C0


Similar Part No. - FQN1N50CTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQN1N50C FAIRCHILD-FQN1N50C Datasheet
1Mb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQN1N50CTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com