Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQN1N50C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQN1N50C
Description  N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQN1N50C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQN1N50C Datasheet HTML 1Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 2Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 3Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 4Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 5Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 6Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 7Page - Fairchild Semiconductor FQN1N50C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
D
G
S
Absolute Maximum Ratings
Symbol
Parameter
FQN1N50C
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
0.38
A
- Continuous (TC = 100°C)
0.24
A
IDM
Drain Current
- Pulsed
(Note 1)
3.04
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
44.4
mJ
IAR
Avalanche Current
(Note 1)
0.38
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.21
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TA = 25°C)
0.89
W
Power Dissipation (TL = 25°C)
2.08
W
- Derate above 25°C
0.017
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Thermal Characteristics
Symbol
Parameter
Typ
Max
Unit
RθJL
Thermal Resistance, Junction-to-Lead
(Note 6a)
--
60
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 6b)
--
140
°C/W
March 2013
FQN1N50C
N-Channel QFET MOSFET
500 V, 0.38 A, 6 Ω
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
active power factor correction (PFC), and electronic lamp
ballasts.
Features
• 0.38 A, 500 V, RDS(on) = 6 Ω (Max) @VGS = 10 V, ID = 0.19 A
• Low Gate Charge (Typ. 4.9 nC)
• Low Crss (Typ. 4.1 pF)
• 100% Avalanche Tested
www.fairchildsemi.com
©20
01 Fairchild Semiconductor Corporation
FQN1N50C Rev. C0
G
D
S
TO-92
FQN Series


Similar Part No. - FQN1N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQN1N50C FAIRCHILD-FQN1N50C Datasheet
1Mb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQN1N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com