Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF9N90CT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQPF9N90CT
Description  N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9N90CT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF9N90CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF9N90CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Characteristics (Continued)
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS
=0V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D
= 4.5 A
T
J, Junction Temperature [
o
C]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS
, Drain-Source Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
10
µs
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C
= 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
T
C
, Case Temperature [℃]
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9-1. Maximum Safe Operating Area
for FQP9N90C
Figure 9-2. Maximum Safe Operating Area
for FQPF9N90C
Figure 10. Maximum Drain Current
vs Case Temperature
©2003 Fairchild Semiconductor Corporation
FQP9N90C / FQPF9N90C Rev. C0
www.fairchildsemi.com


Similar Part No. - FQPF9N90CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF9N90C FAIRCHILD-FQPF9N90C Datasheet
842Kb / 10P
   900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQPF9N90C THINKISEMI-FQPF9N90C Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQPF9N90C ISC-FQPF9N90C Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQPF9N90CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
logo
MagnaChip Semiconductor...
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com