Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADJD-WM01 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADJD-WM01
Description  High Power Light Strip, Ring & Round Architectural lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADJD-WM01 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADJD-WM01 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-WM01 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Notes:
1. All dimensions are in millimeters.
2. Tolerance
is
±0.1mm
unless
otherwise specified.
66.80
120˚
R1.70
Ø88.00
Ø140.00
Ø4.00
49.50
Ø110.00
290.0
1.6
290.0
R1.6
3.0
35.0
14.9
72.5
24.2
145.0
72.50
145.00
290.0
35.00
17.50
16.20
32.20
R1.6
ADJD-xM30 (9 LEDs)
ADJD-xM40 (12 LEDs)
Light Ring & Round
ADJD-xMR0 (7 LEDs)
ADJD-xMR3 (8 LEDs)


Similar Part No. - ADJD-WM01

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-E622-QR999 AVAGO-ADJD-E622-QR999 Datasheet
119Kb / 12P
   RGB Color Sensor in QFN Package
ADJD-J823 AVAGO-ADJD-J823 Datasheet
326Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
ADJD-J883 AVAGO-ADJD-J883 Datasheet
341Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
ADJD-MJ50 AVAGO-ADJD-MJ50 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
ADJD-MJ51 AVAGO-ADJD-MJ51 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
More results

Similar Description - ADJD-WM01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
   Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
   Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
   Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
   Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   Architectural lighting
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
   Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
   Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com