Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-772BWZ Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-772BWZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-772BWZ Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-772BWZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-772BWZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Receiver Optical Characteristics
(TC = 0 °C to +80 °C,VCC = 3.3V ± 5%,TypicalTC = +40 °C,VCC = 3.3V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Input Optical Power Sensitivity
PIN MIN
–18.5
-16
dBm avg.
1
Input Optical Power Saturation
PIN MAX
–2
–1
dBm avg.
2
Operating Center Wavelength
lC
830
860
nm
Stressed Receiver Sensitivity
–15.5
-11.3
dBm
3
Stressed Receiver Eye Opening
120
190
ps
4
Return Loss
12
19
dB
5
Signal Detect
Asserted
De-asserted
Hysteresis
PA
PD
PA-PD
-31
0.5
-19
-21
2
-17
dBm avg.
dBm avg.
dB
6
Notes:
1. Sensitivity is defined as the average input power with the worst case, minimum, Extinction Ratio necessary to produce a BER of 10-12 at the
center of the Baud interval using a 2.5 GBd Pseudo Random Bit Sequence of length 223 – 1 (PRBS), or equivalent, test pattern. For this param-
eter, input power is equivalent to that provided by an ideal source, i.e., a source with RIN and switching attributes that do not degrade the
sensitivity measurement. All channels not under test are operating receiving data with an average input power up to 6 dB above PIN MIN.
2. Saturation is defined as the average input power that produces at the center of the output swing a receiver output eye width less than 120 ps
where BER < 10-12 using a 2.5 GBd Pseudo Random Bit Sequence of length 223 –1 (PRBS), or equivalent, test pattern.
3. Stressed receiver sensitivity is defined as the average input power necessary to produce a BER < 10-12 at the center of the Baud interval using
a 2.5 GBd Pseudo Random Bit Sequence of length 223 – 1 (PRBS), or equivalent, test pattern. For this parameter, input power is conditioned
with 2.5 dB Inter-Symbol Interference, ISI, (min), 33 ps Duty Cycle Dependent Deterministic Jitter, DCD DJ (min) and 6 dB ER (ER Penalty = 2.23
dB). All channels not under test are operating receiving data with an average input power up to 6 dB above PIN MIN.
4. Stressed receiver eye opening is defined as the receiver output eye width where BER < 10-12 at the center of the output swing using a 2.5 GBd
Pseudo Random Bit Sequence of length 223 – 1 (PRBS), or equivalent, test pattern. For this parameter, input power is an average input optical
power of –10.7 dBm and conditioned with 2.5 dB ISI (min), 33 ps DCD DJ (min), 6 dB ER (ER Penalty = 2.23 dB). All channels not under test are
operating receiving data with an average input power up to 6 dB above PIN MIN.
5. Return loss is defined as the ratio, in dB, of the received optical power to the optical power reflected back down the fiber.
6. Signal Detect assertion requires all optical inputs to exhibit a minimum 6 dB Extinction Ratio at PA = –17 dBm. All channels not under test are
operating with PRBS 23 serial encoded patterns, asynchronous with the channel under test, and an average input power up to 6 dB higher
than PIN MIN.


Similar Part No. - HFBR-772BWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BEHZ AVAGO-HFBR-772BEHZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BEZ AVAGO-HFBR-772BEZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BHZ AVAGO-HFBR-772BHZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - HFBR-772BWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com