Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADJD-WMR3 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADJD-WMR3
Description  High Power Light Strip, Ring & Round Architectural lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADJD-WMR3 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADJD-WMR3 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADJD-WMR3 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE, TJ - °C
WARM WHITE
COOL WHITE
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, TA - °C
R
TJ-A = 30°C/W
R
TJ-A = 40°C/W
R
TJ-A = 50°C/W
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
METAL SLUG TEMPERATURE, TMS - °C
R
TJ-MS = 10°C/W
Figure 9. Maximum Forward Current vs. Metal Slug Temperature.
Derated based on TJMAX = 125°C, R
TJ-MS = 10°C/W.
Figure 10. Recommended Reflow Soldering.
Figure 11. Recommended soldering land pattern.
(Acc. to J-STD-020C)
217°C
200°C
60 - 120 SEC.
6°C/SEC. MAX.
3°C/SEC. MAX.
3°C/SEC. MAX.
150°C
255 - 260°C
100 SEC. MAX.
10 - 30 SEC.
TIME
10.70±0.10
8.40±0.10
3.1±0.10
5.08±0.10
1.00±0.10
17.00±0.20
Notes:
1. For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN1060 Surface Mounting SMT LED
Indicator Components.
2. All parametric charts are only applicable to ASMT-Mxx4 component level device only.
Figure 8. Maximum Forward Current vs. Ambient Temperature.
Derated based on TJMAX = 125°C, R
TJ-A = 30°C/W, 40°C/W and 50°C/W.
Figure 7. Relative Light Output vs. Junction Temperature.


Similar Part No. - ADJD-WMR3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-E622-QR999 AVAGO-ADJD-E622-QR999 Datasheet
119Kb / 12P
   RGB Color Sensor in QFN Package
ADJD-J823 AVAGO-ADJD-J823 Datasheet
326Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
ADJD-J883 AVAGO-ADJD-J883 Datasheet
341Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
ADJD-MJ50 AVAGO-ADJD-MJ50 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
ADJD-MJ51 AVAGO-ADJD-MJ51 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
More results

Similar Description - ADJD-WMR3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
   Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
   Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
   Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
   Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   Architectural lighting
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
   Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
   Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com