Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-782BEZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-782BEZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-782BEZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-782BEZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-782BEZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical
Pads
JEDEC Human Body Model (HBM)
(JESD22-A114-B)
JEDEC Machine Model (MM)
Transmitter Module > 1000 V
Receiver Module > 2000 V
Transmitter Module > 50 V
Receiver Module > 200 V
Electrostatic Discharge
(ESD) to the Connector
Receptacle
Variation of IEC 61000-4-2
Typically withstands at leasr 6 kV air discharge
(with module biased) without damage.
Electromagnetic Inter-
ference (EMI)
FCC Part 15 CENELEC EN55022
(CISPR 22A) VCCI Class 1
Typically pass with 10 dB margin. Actual perfor-
mance dependent on enclosure design.
Immunity
Variation of IEC 61000-4-3
Typically minimal effect from a 10 v/m field
swept from 80 MHz to 1 GHz applied to the
module without a chassis enclosure.
Laser Eye Safety and
Equipment Type Testing
IEC 60825-1 Amendment 2
CFR 21 Section 1040
POUT: IEC AEL & US FDA CRDH Class 1M
CDRH Accession Number: 9720151-22
TUV Certficate Number: E2171095.04
Component Recogni-
tion
Underwriters Laboratories and Canadian Stan-
dards Association Joint Component Recognition
for Information Technology Equipment including
Electrical Business Equipment
UL File Number: E173874
RoHS Complaince
Less than 1000ppm of Cadmium, lead, mercury,
hexavalent chromium, polybrominated biphe-
nyls, and polybrominated biphenyl ethers


Similar Part No. - HFBR-782BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-782BEZ AVAGO-HFBR-782BEZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - HFBR-782BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com