Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-14-DC24 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G2R-14-DC24
Description  Power PCB Relay G2R
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-14-DC24 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G2R-14-DC24 Datasheet HTML 4Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 5Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 6Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 7Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 8Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 9Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 10Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 11Page - Omron Electronics LLC G2R-14-DC24 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Power PCB Relay
G2R
219
■ Approvals
UL Recognized (File No. E41643) / CSA Certified (File No. 31928)
Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
Type
Coil rating
Contact ratings
Number of test operations
G2R-1(A)
G2R-1(A)4
G2R-1(A)-H
3 to 110 VDC
3 to 240VAC
10A , 30 VDC (Resistive), 40
° C
100 x 103
10A , 250 VAC (General purpose), 40
° C
10A , 277 VAC (General purpose), 40
° C
6 x 103
TV-3 , 120 VAC (N.O. contact) , 40
° C
600WT, 120VAC (Tungsten), 40
° C
25 x 103
1/3 HP , 125 VAC (N.O. contact), 70
° C
30 x 103
1/2 HP , 277 VAC , 40
° C
6 x 103
TV-8 , 120 VAC (N.O. contact , ASI contacts), 40
° C
25 x 103
B300 (Poilot duty), 60
° C
30 x 103
G2R-1(A)-E
3 to 110 VDC
3 to 240VAC
16A , 30 VDC (Resistive), 40
° C
6 x 103
16A , 250 VAC (General purpose), 40
° C
30 x 103
360 WT , 120 VAC (Tungsten), 40
° C
25 x 103
TV-3 , 120 VAC , 40
° C
1HP , 240 VAC, 40
° C
6 x 103
TV-8 , 120 VAC (N.O. contact), 40
° C
25 x 103
G2R-2(A)
G2R-2(A)4
G2R-2(A)-H
3 to 110 VDC
3 to 240VAC
10A , 30 VDC (Resistive), 40
° C
50 x 103
10A , 277 VAC (General purpose), 40
° C
20 x 103
5A , 250 VAC (General purpose), 70
° C
100 x 103
TV-3 , 120 VAC (N.O. contact), 40
° C
25 x 103
1/6 HP , 120 VAC, 40
° C
6 x 103
1/3 HP , 265 VAC, 40
° C
30 x 103
250 VA , 120 VAC (Pilot duty), 70
° C
B300 (Poilot duty), 40
° C
6 x 103
G2RK-1(A)
3 to 24 VDC
10A , 30 VDC (Resistive), 40
° C
6 x 103
10A , 250 VAC (General use), 40
° C
TV-3 (N.O. contact), 40
° C
25 x 103
1/2 HP , 250 VAC, 40
° C
6 x 103
A300 (Pilot duty), 40
° C
G2RK-2(A)
3 to 24 VDC
5A , 30 VDC (Resistive), 40
° C
6 x 103
5A , 250 VAC (General use), 40
° C
TV-3 (N.O. contact), 40
° C
25 x 103
1/6 HP , 120 VAC, 40
° C
6 x 103
1/3 HP , 240 VAC, 40
° C
B300 (Pilot duty), 40
° C


Similar Part No. - G2R-14-DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-14-DC5 OMRON-G2R-14-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
More results

Similar Description - G2R-14-DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-14-AC120 OMRON-G2R-14-AC120 Datasheet
661Kb / 12P
   Power PCB Relay G2R
G3R-102PLN OMRON-G3R-102PLN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com