Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASSR-1611 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1611
Description  High Current, 1 Form A, Solid State Relay (MOSFET) (60V/2.5A/0.1)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1611 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-1611 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-1611 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
0
5
10
15
20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
IF = 10mA
IF = 5mA
TA - TEMPERATURE - ˚C
TA - TEMPERATURE - ˚C
IF(ON) - INPUT CURRENT - mA
TA = 25˚C
IF = 10mA
IF = 5mA
Figure 13. Typical Turn On Time vs Ambient Temperature
Figure 14. Typical Turn Off Time vs Input Current
Figure 15. Typical Turn Off Time vs Ambient Temperature
Figure 16. Switching Circuit
10%
tON
PULSE GEN.
Zo = 50
Ω
tf=tr=5ns
IF
C L*
RL
VDD
R
200ohm
tOFF
90%
50%
50%
P.W. = 10ms
1
2
6
5
3
4
ASSR-1611
INPUT
MONITORING
NODE
OUTPUT Vo
MONITORING
NODE
OUTPU T
Vo
OUTPUT
IF
(*CLIS APPROXIMATELY
25pF WHICH INCLUDES
PROBE AND STRAY
WIRING CAPACITANCE)


Similar Part No. - ASSR-1611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
More results

Similar Description - ASSR-1611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com