Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTLP8T306 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # GTLP8T306
Description  8-Bit LVTTL/GTLP Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GTLP8T306 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  GTLP8T306 Datasheet HTML 1Page - Fairchild Semiconductor GTLP8T306 Datasheet HTML 2Page - Fairchild Semiconductor GTLP8T306 Datasheet HTML 3Page - Fairchild Semiconductor GTLP8T306 Datasheet HTML 4Page - Fairchild Semiconductor GTLP8T306 Datasheet HTML 5Page - Fairchild Semiconductor GTLP8T306 Datasheet HTML 6Page - Fairchild Semiconductor GTLP8T306 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500051
www.fairchildsemi.com
September 1997
Revised April 2000
GTLP8T306
8-Bit LVTTL/GTLP Bus Transceiver
General Description
The GTLP8T306 is an 8-bit bus transceiver that provides
LVTTL to GTLP signal level translation. The device pro-
vides a high speed interface between cards operating at
LVTTL logic levels and a backplane operating at GTLP
logic levels. High speed backplane operation is a direct
result of GTLP’s reduced output swing (
<1V), reduced input
threshold levels and output edge rate control. The edge
rate control minimizes bus settling time. GTLP is a Fairchild
Semiconductor derivative of the Gunning Transceiver logic
(GTL) JEDEC standard JESD8-3.
Fairchild’s GTLP has internal output edge-rate control and
is process, voltage, and temperature (PVT) compensated.
Its function is similar to BTL and GTL but with different out-
put levels and receiver thresholds. The GTLP output LOW
level is typically less than 0.5V, the output HIGH level is
1.5V and the receiver threshold is 1.0V.
Features
s Bidirectional interface between GTL/GTLP and LVTTL
logic levels
s Output Edge Rate Control to minimize noise on the
GTLP port
s Power up/down/off high impedance for live insertion
s Standard 245 function
s CMOS technology for low power dissipation
s 5V tolerant inputs and outputs on the A-Port
s Bus-hold data inputs on the A-Port eliminates the need
for external pull-up resistors on unused inputs
s LVTTL compatible driver and control inputs
s Flow through pinout optimizes PCB layout
s Open drain on GTLP to support wired-or connection
s A-Port source/sink
−24 mA/+24 mA
s B-Port sink 50 mA
s Recommended Operating Temperature
−40°C to +85°C
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Order Number
Package Number
Package Description
GTLP8T306MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Similar Part No. - GTLP8T306

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP10B320MTD FAIRCHILD-GTLP10B320MTD Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP16612MEA FAIRCHILD-GTLP16612MEA Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
GTLP16612MTD FAIRCHILD-GTLP16612MTD Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
More results

Similar Description - GTLP8T306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com