Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286C Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286C
Description  Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286C Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-286C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Figure 25. Output Voltage vs. Temperature and Bias Current
in the 915 MHz Voltage Doubler using the HSMS-286C.
in a single package, such as the SOT‑143 HSMS‑2865 as
shown in Figure 29.
In high power differential detectors, RF coupling from
the detector diode to the reference diode produces a
rectified voltage in the latter, resulting in errors.
Isolation between the two diodes can be obtained
by using the HSMS‑286K diode with leads 2 and 5
grounded. The difference between this product and the
conventional HSMS‑2865 can be seen in Figure 29.
-55 -35 -15
5
85
45
65
TEMPERATURE (
°C)
25
40
80
60
120
100
INPUT POWER = –30 dBm
3.0 µA
1.0 µA
10 µA
0.5 µA
TEMPERATURE (
°C)
5
15
35
25
INPUT POWER = –30 dBm
3.0 µA
10 µA
1.0 µA
0.5 µA
-55 -35 -15
5
85
45
65
25
matching
network
differential
amplifier
bias
to differential
amplifier
Vs
detector
diode
reference diode
PA
HSMS-2865
Figure 26. Output Voltage vs. Temperature and Bias Current
in the 5.80 GHz Voltage Detector using the HSMS-286B Schottky.
Six Lead Circuits
The differential detector is often used to provide temper‑
ature compensation for a Schottky detector, as shown in
Figures 27 and 28.
Figure 27. Differential Detector.
Figure 28. Conventional Differential Detector.
These circuits depend upon the use of two diodes
having matched Vf characteristics over all operating
temperatures. This is best achieved by using two diodes
HSMS-2865
SOT-143
HSMS-286K
SOT-363
3
4
6
5
4
1
1
2
2
3
to differential
amplifier
Vs
detector
diode
reference diode
PA
HSMS-286K
-35
-25
-15
-5
15
5
37 dB
47 dB
INPUT POWER (dBm)
0.5
1000
100
10
1
5000
Frequency = 900 MHz
HSMS-2825
ref. diode
RF diode
Vout
Square law
response
HSMS-282K
ref. diode
Figure 29. Comparing Two Diodes.
The HSMS‑286K, with leads 2 and 5 grounded, offers
some isolation from RF coupling between the diodes.
This product is used in a differential detector as shown
in Figure 30.
Figure 30. High Isolation Differential Detector.
In order to achieve the maximum isolation, the designer
must take care to minimize the distance from leads 2
and 5 and their respective ground via holes.
Tests were run on the HSMS‑282K and the conventional
HSMS‑2825 pair, which compare with each other in the
same way as the HSMS‑2865 and HSMS‑286K, with the
results shown in Figure 31.
Figure 31. Comparing HSMS-282K with HSMS-2825.


Similar Part No. - HSMS-286C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286C AVAGO-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286C AVAGO-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286C-BLKG AVAGO-HSMS-286C-BLKG Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3820 AVAGO-HSMP-3820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes Tape and Reel Options Available
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com