Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-1612-BLKG Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-1612-BLKG
Description  GPS LNA-Filter Front-End Module Exceptional Cell/PCS-Band rejection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-1612-BLKG Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-1612-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-1612-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Table 1b. Performance table at low voltage operation (Vdd = Vsd 1.8V, Idd = 4mA, R2 = 3.9 kOhm)
Symbol
Parameter and Test Condition
Units
Typ.
G
Gain
dB
16.1
NF
Noise Figure
dB
1.05
IP1dB
Input 1dB Compressed Power
dBm
-8.5
IIP3[8]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
0
S11
Input Return Loss
dB
-7.2
S22
Output Return Loss
dB
-14.5
S12
Reverse Isolation
dB
-28
Cell Band Rejection
Relative to 1.575GHz @ 827.5MHz
dBc
68
PCS Band Rejection
Relative to 1.575GHz @ 1885MHz
dBc
67
IP1dB1885MHz
Input 1dB gain compression interferer signal level at 1885MHz
dBm
-5.0
IP1dB890MHz
Input 1dB gain compression interferer signal level at 890MHz
dBm
0
Idd
Supply DC current at Shutdown (SD) voltage Vsd=1.8V
mA
4
Ish
Shutdown Current @ VSD = 0V
uA
0.5
Notes:
7. Measurements at 1.575GHz obtained using demo board described in Figures 6 and 7
8. 1.575GHz IIP3 test condition: FRF1 = 1572.5 MHz, FRF2 = 1577.5 MHz with input power of -20dBm per tone measured at the worst case side band
Circuit Symbol
Size
Description
L1
0402
22 nH Inductor (Taiyo Yuden HK100522NJ-T)
L2
0402
2.2 nH Inductor (Taiyo Yuden AQ1052N2S-T)
L3
0402
9.1 nH Inductor (Taiyo Yuden AQ1059N1J-T)
C1
0402
0.1 uF Capacitor (Murata GRM155F51C104ZA01E)
C2
0402
47 pF Capacitor (Murata GRM1555C1H470JZ01D)
C3
0402
330 pF Capacitor (Murata GRM1555C1H331JA01D)
R1
0402
10 Ohms Resistor (KOA RK73B1ETTB100J )
R2
0402
3.9 kOhm Resistor (KOA RK73B1ETTB392J)
Figure 1. Demoboard and application circuit components table
Pins pointing
out of the page
1
2
3
4
Pins 1, 4 = GND
Pin 2
= Vdd Supply
Pin 3
= Shutdown (SD)
DC Pin Configuration of 4-pin connector


Similar Part No. - ALM-1612-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1612-BLKG BOARDCOM-ALM-1612-BLKG Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
More results

Similar Description - ALM-1612-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 BOARDCOM-ALM-GP001 Datasheet
743Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-2712-TR1G AVAGO-ALM-2712-TR1G Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com