Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-35143-TR2G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-35143-TR2G
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package Low Noise Figure
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-35143-TR2G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-35143-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-35143-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ATF-35143
Low Noise Pseudomorphic HEMT
in a Surface Mount Plastic Package
Data Sheet
Features
 Lead-free Option Available
 Low Noise Figure
 Excellent Uniformity in Product Specifications
 Low Cost Surface Mount Small Plastic Package
SOT-343 (4 lead SC-70)
 Tape-and-Reel Packaging Option Available
Specifications
1.9 GHz; 2 V, 15 mA (Typ.)
 0.4 dB Noise Figure
 18 dB Associated Gain
 11 dBm Output Power at 1 dB Gain Compression
 21 dBm Output 3rd Order Intercept
Applications
 Low Noise Amplifier for Cellular/PCS Handsets
 LNA for WLAN, WLL/RLL, LEO, and MMDS Applications
 General Purpose Discrete PHEMT for Other Ultra Low
Noise Applications
Description
Avago’s ATF-35143 is a high dynamic range, low noise,
PHEMT housed in a 4-lead SC-70 (SOT-343) surface
mount plastic package.
Based on its featured performance, ATF-35143 is suitable
for applications in cellular and PCS base stations, LEO
systems, MMDS, and other systems requiring super low
noise figure with good intercept in the 450 MHz to 10
GHz frequency range.
Other PHEMT devices in this family are the ATF-34143
and the ATF-33143. The typical specifications for these
devices at 2 GHz are shown in the table below:
Surface Mount Package
SOT-343
Pin Connections and Package Marking
Part No.
Gate Width
Bias Point
NF (dB)
Ga (dB)
OIP3 (dBm)
ATF-33143
1600 μ
4 V, 80 mA
0.5
15.0
33.5
ATF-34143
800 μ
4 V, 60 mA
0.5
17.5
31.5
ATF-35143
400 μ
2 V, 15 mA
0.4
18.0
21.0
SOURCE
DRAIN
GATE
SOURCE
Note: Top View. Package marking provides
orientation and identification.
“5P” = Device code
“x” = Date code character. A new character
is assigned for each month, year.
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.


Similar Part No. - ATF-35143-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-35143-TR2 HP-ATF-35143-TR2 Datasheet
195Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-35143-TR2 HP-ATF-35143-TR2 Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-35143-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-35143 HP-ATF-35143 Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com