Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C10U256C8N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP3C10U256C8N
Description  1. Cyclone III Device Datasheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C10U256C8N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP3C10U256C8N Datasheet HTML 2Page - Altera Corporation EP3C10U256C8N Datasheet HTML 3Page - Altera Corporation EP3C10U256C8N Datasheet HTML 4Page - Altera Corporation EP3C10U256C8N Datasheet HTML 5Page - Altera Corporation EP3C10U256C8N Datasheet HTML 6Page - Altera Corporation EP3C10U256C8N Datasheet HTML 7Page - Altera Corporation EP3C10U256C8N Datasheet HTML 8Page - Altera Corporation EP3C10U256C8N Datasheet HTML 9Page - Altera Corporation EP3C10U256C8N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1–6
Chapter 1: Cyclone III Device Datasheet
Electrical Characteristics
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
OCT Specifications
Table 1–6 lists the variation of OCT without calibration across process, temperature,
and voltage.
OCT calibration is automatically performed at device power-up for OCT enabled
I/Os.
Table 1–7 lists the OCT calibration accuracy at device power-up.
Bus-hold
low,
overdrive
current
0 V < VIN < VCCIO
125
175
200
300
500
500
A
Bus-hold
high,
overdrive
current
0 V < VIN < VCCIO
–125
–175
–200
–300
–500
–500
A
Bus-hold trip
point
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–5:
(1) The bus-hold trip points are based on calculated input voltages from the JEDEC standard.
Table 1–5. Cyclone III Devices Bus Hold Parameter
(Part 2 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–6. Cyclone III Devices Series OCT without Calibration Specifications
Description
VCCIO (V)
Resistance Tolerance
Unit
Commercial
Max
Industrial and Automotive
Max
Series OCT without
calibration
3.0
±30
±40
%
2.5
±30
±40
%
1.8
+40
±50
%
1.5
+50
±50
%
1.2
+50
±50
%
Table 1–7. Cyclone III Devices Series OCT with Calibration at Device Power-Up Specifications
Description
VCCIO (V)
Calibration Accuracy
Unit
Commercial Max
Industrial and Automotive
Max
Series OCT with
calibration at device
power-up
3.0
±10
±10
%
2.5
±10
±10
%
1.8
±10
±10
%
1.5
±10
±10
%
1.2
±10
±10
%


Similar Part No. - EP3C10U256C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
More results

Similar Description - EP3C10U256C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C16E144C8N ALTERA-EP3C16E144C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C25Q240C8N ALTERA-EP3C25Q240C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5F256C8 ALTERA-EP3C5F256C8 Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5E144C7N ALTERA-EP3C5E144C7N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C120F484C7N ALTERA-EP3C120F484C7N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP3C25F256I7N ALTERA-EP3C25F256I7N Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com