Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD8143S Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD8143S
Description  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8143S Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD8143S Datasheet HTML 4Page - Fairchild Semiconductor FOD8143S Datasheet HTML 5Page - Fairchild Semiconductor FOD8143S Datasheet HTML 6Page - Fairchild Semiconductor FOD8143S Datasheet HTML 7Page - Fairchild Semiconductor FOD8143S Datasheet HTML 8Page - Fairchild Semiconductor FOD8143S Datasheet HTML 9Page - Fairchild Semiconductor FOD8143S Datasheet HTML 10Page - Fairchild Semiconductor FOD8143S Datasheet HTML 11Page - Fairchild Semiconductor FOD8143S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
8
Package Dimensions
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
Through Hole
0.4" Lead Spacing
Surface Mount (Footprint Dimensions)
Surface Mount
0.200 (5.10)
0.161 (4.10)
0.157 (4.00)
0.118 (3.00)
0.130 (3.30)
0.091 (2.30)
0.150 (3.80)
0.110 (2.80)
0.110 (2.79)
0.090 (2.29)
0.024 (0.60)
0.016 (0.40)
0.020 (0.51)
TYP
0.010 (0.26)
0.276 (7.00)
0.236 (6.00)
0.312 (7.92)
0.288 (7.32)
0.200 (5.10)
0.161 (4.10)
0.157 (4.00)
0.118 (3.00)
0.276 (7.00)
0.236 (6.00)
0.024 (0.60)
0.004 (0.10)
0.051 (1.30)
0.043 (1.10)
0.110 (2.79)
0.090 (2.29)
0.412 (10.46)
0.388 (9.86)
0.312 (7.92)
0.288 (7.32)
0.049 (1.25)
0.010 (0.26)
0.030 (0.76)
Lead Coplanarity 0.004 (0.10) MAX
1.5
2.54
1.3
9
0.010 (0.26)
0.200 (5.10)
0.161 (4.10)
0.130 (3.30)
0.091 (2.30)
0.150 (3.80)
0.110 (2.80)
0.024 (0.60)
0.016 (0.40)
0.110 (2.79)
0.090 (2.29)
0.157 (4.00)
0.118 (3.00)
0.276 (7.00)
0.236 (6.00)
0.312 (7.92)
0.288 (7.32)
0.291 (7.40)
0.252 (6.40)
0.110 (2.80)
0.011 (1.80)
0.42 (10.66)
0.38 (9.66)
Note:
All dimensions are in inches (millimeters)
0.393 (9.98)
0.300 (7.62)


Similar Part No. - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8143S FAIRCHILD-FOD8143S Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8143S FAIRCHILD-FOD8143S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
More results

Similar Description - FOD8143S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814 FAIRCHILD-FOD814_06 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com