Electronic Components Datasheet Search |
|
FQU12P10 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FQU12P10 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page Rev. B1, January 2009 ©2009 Fairchild Semiconductor Corporation (Note 4) (Note 4, 5) (Note 4, 5) (Note 4) Electrical Characteristics TC = 25°C unless otherwise noted Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 6.3mH, IAS = -9.4A, VDD = -25V, RG = 25 Ω, Starting TJ = 25°C 3. ISD " -11.5A, di/dt " 300A/µs, VDD " BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width " 300 µs, Duty cycle " 2% 5. Essentially independent of operating temperature Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = -250 µA -100 -- -- V ∆BV DSS / ∆T J Breakdown Voltage Temperature Coefficient ID = -250 µA, Referenced to 25°C -- -0.1 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = -100 V, VGS = 0 V -- -- -1 µA VDS = -80 V, TC = 125°C -- -- -10 µA IGSSF Gate-Body Leakage Current, Forward VGS = -30 V, VDS = 0 V -- -- -100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = 30 V, VDS = 0 V -- -- 100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = -250 µA -2.0 -- -4.0 V RDS(on) Static Drain-Source On-Resistance VGS = -10 V, ID = -4.7 A -- 0.24 0.29 Ω gFS Forward Transconductance VDS = -40 V, ID = -4.7 A -- 6.3 -- S Dynamic Characteristics Ciss Input Capacitance VDS = -25 V, VGS = 0 V, f = 1.0 MHz -- 620 800 pF Coss Output Capacitance -- 220 290 pF Crss Reverse Transfer Capacitance -- 65 85 pF Switching Characteristics td(on) Turn-On Delay Time VDD = -50 V, ID = -11.5 A, RG = 25 Ω -- 15 40 ns tr Turn-On Rise Time -- 160 330 ns td(off) Turn-Off Delay Time -- 35 80 ns tf Turn-Off Fall Time -- 60 130 ns Qg Total Gate Charge VDS = -80 V, ID = -11.5 A, VGS = -10 V -- 21 27 nC Qgs Gate-Source Charge -- 4.6 -- nC Qgd Gate-Drain Charge -- 11.5 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- -9.4 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- -37.6 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = -9.4 A -- -- -4.0 V trr Reverse Recovery Time VGS = 0 V, IS = -11.5 A, dIF / dt = 100 A/µs -- 110 -- ns Qrr Reverse Recovery Charge -- 0.47 -- µC |
Similar Part No. - FQU12P10 |
|
Similar Description - FQU12P10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |