Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11F1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H11F1
Description  PHOTO FET OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11F1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11F1 Datasheet HTML 1Page - Fairchild Semiconductor H11F1 Datasheet HTML 2Page - Fairchild Semiconductor H11F1 Datasheet HTML 3Page - Fairchild Semiconductor H11F1 Datasheet HTML 4Page - Fairchild Semiconductor H11F1 Datasheet HTML 5Page - Fairchild Semiconductor H11F1 Datasheet HTML 6Page - Fairchild Semiconductor H11F1 Datasheet HTML 7Page - Fairchild Semiconductor H11F1 Datasheet HTML 8Page - Fairchild Semiconductor H11F1 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6/24/02
Page 4 of 9
© 2002 Fairchild Semiconductor Corporation
PHOTO FET OPTOCOUPLERS
H11F1 H11F2 H11F3
3
1
2
0.8
0.6
0.4
-25
-50
0
25
50
75
100
TA - AMBIENT TEMPERATURE - °C
Figure 5. Resistance vs. Temperature
2
1
8
6
4
40
20
10
100
80
60
2
8
6
4
40
20
10
100
80
60
100
1000
10K
100K
r(on) RESISTANCE -
Figure 6. Region of Linear Resistance
1K
MAXIMUM
RMS
VOLTAGE
MAXIMUM
RMS
CURRENT
10000
1000
100
10
1
0
204060
TA - AMBIENT TEMPERATURE (
°C)
Figure 4. Off-state Current vs. Ambient Temperature
80
100
NORMALIZED TO:
V46 = 15V
IF = 0mA
TA = 25
°C
800
600
400
200
0
-200
-400
-600
-800
-0.2
-0.1
0.0
IF = 2mA
IF = 2mA
IF = 6mA
IF = 6mA
IF = 10mA
IF = 10mA
IF = 14mA
IF = 14mA
IF = 18mA
IF = 18mA
0.1
0.2
V46 - OUTPUT VOLTAGE (V)
Figure 2. Output Characteristics
10
1
10
100
IF - INPUT CURRENT - mA
Figure 1. Resistance vs. Input Current
1
0.1
Normalized to:
IF = 16 mA
I46 = 5
µA RMS
Figure 3. LED Forward Voltage vs. Forward Current
2.0
1.8
1.6
1.4
1.2
1.0
0.1
10
1
100
IF - LED FORWARD CURRENT - mA
0.8
TA = -55
°C
TA = 25
°C
TA = 100
°C
NORMALIZED TO
IF = 16mA
I4-6 = 25µA RMS
TA = 25˚C
Observed
Range
Median
De
vice


Similar Part No. - H11F1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F1M FAIRCHILD-H11F1M Datasheet
245Kb / 10P
   Photo FET Optocouplers
H11F1M FAIRCHILD-H11F1M Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
H11F1M FAIRCHILD-H11F1M Datasheet
2Mb / 11P
   Photo FET Optocouplers
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
More results

Similar Description - H11F1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F1M FAIRCHILD-H11F1M Datasheet
245Kb / 10P
   Photo FET Optocouplers
H11F3SR2M FAIRCHILD-H11F3SR2M Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com