Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE55F23I7N Datasheet(PDF) 7 Page - Altera Corporation

Part # EP4CE55F23I7N
Description  1. Cyclone IV FPGA Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE55F23I7N Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP4CE55F23I7N Datasheet HTML 3Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 4Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 5Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 6Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 7Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 8Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 9Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 10Page - Altera Corporation EP4CE55F23I7N Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Chapter 1: Cyclone IV FPGA Device Family Overview
1–7
Cyclone IV Device Family Speed Grades
November 2011
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Cyclone IV Device Family Speed Grades
Table 1–5 lists the Cyclone IV GX devices speed grades.
Table 1–6 lists the Cyclone IV E devices speed grades.
Table 1–5. Speed Grades for the Cyclone IV GX Device Family
Device
N148
F169
F324
F484
F672
F896
EP4CGX15
C7, C8, I7
C6, C7, C8, I7
EP4CGX22
C6, C7, C8, I7
C6, C7, C8, I7
EP4CGX30
C6, C7, C8, I7
C6, C7, C8, I7
C6, C7, C8, I7
EP4CGX50
C6, C7, C8, I7
C6, C7, C8, I7
EP4CGX75
C6, C7, C8, I7
C6, C7, C8, I7
EP4CGX110
C7, C8, I7
C7, C8, I7
C7, C8, I7
EP4CGX150
C7, C8, I7
C7, C8, I7
C7, C8, I7
Table 1–6. Speed Grades for the Cyclone IV E Device Family (1), (2)
Device
E144
M164
U256
F256
U484
F484
F780
EP4CE6
C8L, C9L, I8L
C6, C7, C8,
I7, A7
—I7N
C8L, C9L, I8L
C6, C7, C8,
I7, A7
——
EP4CE10
C8L, C9L, I8L
C6, C7, C8,
I7, A7
—I7N
C8L, C9L, I8L
C6, C7, C8,
I7, A7
——
EP4CE15
C8L, C9L, I8L
C6, C7, C8, I7
I7N
I7N
C8L, C9L, I8L
C6, C7, C8,
I7, A7
C8L, C9L, I8L
C6, C7, C8,
I7, A7
EP4CE22
C8L, C9L, I8L
C6, C7, C8,
I7, A7
—I7N
C8L, C9L, I8L
C6, C7, C8,
I7, A7
——
EP4CE30
————
C8L, C9L, I8L
C6, C7, C8,
I7, A7
C8L, C9L, I8L
C6, C7, C8, I7
EP4CE40
I7N
C8L, C9L, I8L
C6, C7, C8,
I7, A7
C8L, C9L, I8L
C6, C7, C8, I7
EP4CE55
I7N
C8L, C9L, I8L
C6, C7, C8, I7
C8L, C9L, I8L
C6, C7, C8, I7
EP4CE75
I7N
C8L, C9L, I8L
C6, C7, C8, I7
C8L, C9L, I8L
C6, C7, C8, I7
EP4CE115
————
C8L, C9L, I8L
C7, C8, I7
C8L, C9L, I8L
C7, C8, I7
Notes to Table 1–6:
(1) C8L, C9L, and I8L speed grades are applicable for the 1.0-V core voltage.
(2) C6, C7, C8, I7, and A7 speed grades are applicable for the 1.2-V core voltage.


Similar Part No. - EP4CE55F23I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results

Similar Description - EP4CE55F23I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com