Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE30F29C8N Datasheet(PDF) 8 Page - Altera Corporation

Part # EP4CE30F29C8N
Description  1. Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE30F29C8N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP4CE30F29C8N Datasheet HTML 4Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 5Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 6Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 7Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 8Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 9Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 10Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 11Page - Altera Corporation EP4CE30F29C8N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
1–8
Chapter 1: Cyclone IV Device Datasheet
Operating Conditions
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
OCT Specifications
Table 1–8 lists the variation of OCT without calibration across process, temperature,
and voltage (PVT).
OCT calibration is automatically performed at device power-up for OCT-enabled
I/Os.
Table 1–9 lists the OCT calibration accuracy at device power-up.
Bus hold trip
point
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–7:
(1) Bus hold trip points are based on the calculated input voltages from the JEDEC standard.
Table 1–7. Bus Hold Parameter for Cyclone IV Devices (Part 2 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Table 1–8. Series OCT Without Calibration Specifications for Cyclone IV Devices
Description
VCCIO (V)
Resistance Tolerance
Unit
Commercial Maximum
Industrial, Extended
industrial, and
Automotive Maximum
Series OCT without
calibration
3.0
±30
±40
%
2.5
±30
±40
%
1.8
±40
±50
%
1.5
±50
±50
%
1.2
±50
±50
%
Table 1–9. Series OCT with Calibration at Device Power
-Up Specifications for Cyclone IV Devices
Description
VCCIO (V)
Calibration Accuracy
Unit
Commercial Maximum
Industrial, Extended
industrial, and
Automotive Maximum
Series OCT with
calibration at device
power
-up
3.0
±10
±10
%
2.5
±10
±10
%
1.8
±10
±10
%
1.5
±10
±10
%
1.2
±10
±10
%


Similar Part No. - EP4CE30F29C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE30F29C6N ALTERA-EP4CE30F29C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE30F29C7N ALTERA-EP4CE30F29C7N Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
More results

Similar Description - EP4CE30F29C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE15E22I7N ALTERA-EP4CE15E22I7N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com