Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD5N60NZTM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD5N60NZTM
Description  N-Channel UniFET II MOSFET 600 V, 4.0 A, 2 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N60NZTM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD5N60NZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N60NZTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
FDD5N60NZ Rev. C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
2468
10
0.1
1
10
20
-55
o
C
150
o
C
*Notes:
1. VDS = 20V
2. 250s Pulse Test
25
o
C
VGS, Gate-Source Voltage[V]
0.1
1
10
20
0.1
1
10
*Notes:
1. 250s Pulse Test
2. TC = 25
o
C
VDS, Drain-Source Voltage[V]
VGS = 12.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
02
46
8
1.5
2.0
2.5
3.0
3.5
*Note: TC = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.20.4
0.60.8
1.01.2
0.1
1
10
30
*Notes:
1. V
GS = 0V
2. 250s Pulse Test
150
o
C
V
SD
, Body Diode Forward Voltage [V]
25
o
C
0.1
1
10
30
3
10
100
1000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
024
68
10
0
2
4
6
8
10
*Note: ID = 4A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]


Similar Part No. - FDD5N60NZTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD5N60NZTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
   N-Channel UniFET II MOSFET
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
   MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD7N25LZTM FAIRCHILD-FDD7N25LZTM Datasheet
329Kb / 8P
   N-Channel UniFET MOSFET
FDPF14N30T FAIRCHILD-FDPF14N30T Datasheet
393Kb / 8P
   N-Channel UniFET MOSFET 300 V, 14 A, 290 m
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com