Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K200EQC240-1X Datasheet(PDF) 4 Page - Altera Corporation

Part # EP20K200EQC240-1X
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K200EQC240-1X Datasheet(HTML) 4 Page - Altera Corporation

  EP20K200EQC240-1X Datasheet HTML 1Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 2Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 3Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 4Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 5Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 6Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 7Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 8Page - Altera Corporation EP20K200EQC240-1X Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 117 page
background image
4
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Windows-based PCs, Sun SPARCstations, and HP 9000
Series 700/800 workstations
–Altera MegaCore® functions and Altera Megafunction Partners
Program (AMPPSM) megafunctions
NativeLinkTM integration with popular synthesis, simulation,
and timing analysis tools
Quartus II SignalTap® embedded logic analyzer simplifies
in-system design evaluation by giving access to internal nodes
during device operation
Supports popular revision-control software packages including
PVCS, Revision Control System (RCS), and Source Code Control
System (SCCS )
Table 4. APEX 20K QFP, BGA & PGA Package Options & I/O Count
Notes (1), (2)
Device
144-Pin
TQFP
208-Pin
PQFP
RQFP
240-Pin
PQFP
RQFP
356-Pin BGA 652-Pin BGA 655-Pin PGA
EP20K30E
92
125
EP20K60E
92
148
151
196
EP20K100
101
159
189
252
EP20K100E
92
151
183
246
EP20K160E
88
143
175
271
EP20K200
144
174
277
EP20K200E
136
168
271
376
EP20K300E
152
408
EP20K400
502
502
EP20K400E
488
EP20K600E
488
EP20K1000E
488
EP20K1500E
488


Similar Part No. - EP20K200EQC240-1X

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K200E ALTERA-EP20K200E Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K200E ALTERA-EP20K200E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K200E ALTERA-EP20K200E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K200E ALTERA-EP20K200E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K200E ALTERA-EP20K200E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K200EQC240-1X

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com