Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11F3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11F3
Description  PHOTO FET OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11F3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11F3 Datasheet HTML 1Page - Fairchild Semiconductor H11F3 Datasheet HTML 2Page - Fairchild Semiconductor H11F3 Datasheet HTML 3Page - Fairchild Semiconductor H11F3 Datasheet HTML 4Page - Fairchild Semiconductor H11F3 Datasheet HTML 5Page - Fairchild Semiconductor H11F3 Datasheet HTML 6Page - Fairchild Semiconductor H11F3 Datasheet HTML 7Page - Fairchild Semiconductor H11F3 Datasheet HTML 8Page - Fairchild Semiconductor H11F3 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6/24/02
Page 2 of 9
© 2002 Fairchild Semiconductor Corporation
PHOTO FET OPTOCOUPLERS
H11F1 H11F2 H11F3
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Parameter
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +150
°C
Operating Temperature
TOPR
All
-55 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
EMITTER
Continuous Forward Current
IF
All
60
mA
Reverse Voltage
VR
All
5
V
Forward Current - Peak (10 µs pulse, 1% duty cycle)
IF(pk)
All
1
A
LED Power Dissipation 25°C Ambient
PD
All
100
mW
Derate Linearly From 25°C
1.33
mW/°C
DETECTOR
Detector Power Dissipation @ 25°C
PD
All
300
mW
Derate linearly from 25°C
4.0
mW/°C
Breakdown Voltage (either polarity)
BV4-6
H11F1, H11F2
±30
V
H11F3
±15
V
Continuous Detector Current (either polarity)
I4-6
All
±100
mA
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
IF = 16 mA
VF
All
1.3
1.75
V
Reverse Leakage Current
VR = 5 V
IR
All
10
µA
Capacitance
V = 0 V, f = 1.0 MHz
CJ
All
50
pF
OUTPUT DETECTOR
Breakdown Voltage
Either Polarity
I4-6 = 10µA, IF = 0
BV4-6
H11F1, H11F2
30
V
H11F3
15
Off-State Dark Current
V4-6 = 15 V, IF = 0
I4-6
All
50
nA
V4-6 = 15 V, IF = 0, TA = 100°C
All
50
µA
Off-State Resistance
V4-6 = 15 V, IF = 0
R4-6
All
300
M
Capacitance
V4-6 = 15 V, IF = 0, f = 1MHz
C4-6
All
15
pF


Similar Part No. - H11F3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F3 FAIRCHILD-H11F3 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3M FAIRCHILD-H11F3M Datasheet
245Kb / 10P
   Photo FET Optocouplers
H11F3M FAIRCHILD-H11F3M Datasheet
2Mb / 11P
   Photo FET Optocouplers
logo
ON Semiconductor
H11F3M ONSEMI-H11F3M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
More results

Similar Description - H11F3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F1M FAIRCHILD-H11F1M Datasheet
245Kb / 10P
   Photo FET Optocouplers
H11F3SR2M FAIRCHILD-H11F3SR2M Datasheet
2Mb / 11P
   H11F1M, H11F2M, H11F3M Photo FET Optocouplers
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com