Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11B1S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11B1S
Description  PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11B1S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11B1S Datasheet HTML 1Page - Fairchild Semiconductor H11B1S Datasheet HTML 2Page - Fairchild Semiconductor H11B1S Datasheet HTML 3Page - Fairchild Semiconductor H11B1S Datasheet HTML 4Page - Fairchild Semiconductor H11B1S Datasheet HTML 5Page - Fairchild Semiconductor H11B1S Datasheet HTML 6Page - Fairchild Semiconductor H11B1S Datasheet HTML 7Page - Fairchild Semiconductor H11B1S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6/1/00
200042A
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
H11B1, H11B2
(IF = 10 mA)
H11B255
0.8
1.2
1.5
MOC8080
Input Forward Voltage
VF
TIL113
V
(IF = 10 mA)
CNX48U
1.2
1.3
(IF = 10 mA, TA = -55°C)
MOC8080
0.9
1.3
1.7
(IF = 10 mA, TA = 100°C)
0.7
1.05
1.4
(IF = 50 mA)
H11B3
1.35
1.5
Reverse Leakage Current
(VR = 6 V)
IR
All
0.001
10
µA
Capacitance
(VF = 0 V, f = 1.0 MHz)
C
All
50
pF
DETECTOR
(IC = 1 mA, IF = 0)
CNX48U
30
60
Collector-Emitter
(IC = 100 µA, IF = 0)
BVCEO
TIL113
Breakdown Voltage
(IC = 10 mA, IF = 0)
H11B1, H11B2
25
60
V
H11B3
(IC = 100 µA, IF = 0)
H11B255
55
70
(IC = 1 mA, IF = 0)
MOC8080
CNX48U, H11B1
Collector-Base
(IC = 100 µA, IE = 0)
H11B2, H11B3
30
100
Breakdown Voltage
BVCBO
TIL113
V
(IC = 100 µA, IF = 0)
H11B255
55
100
MOC8080
Emitter-Collector
(IE = 100 µA, IB = 0)
BVECO
All
7
10
V
Breakdown Voltage
Collector-Emitter
(VCE = 10 V, Base Open)
ICEO
All
1
100
nA
Dark Current
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
PHOTODARLINGTON OPTOCOUPLERS
CNX48U
H11B1
H11B2
H11B255
H11B3
MOC8080 TIL113
Note
** Typical values at TA = 25°C


Similar Part No. - H11B1S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
H11B1S(TA)-V EVERLIGHT-H11B1S(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
H11B1S(TB)-V EVERLIGHT-H11B1S(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
H11B1S-V EVERLIGHT-H11B1S-V Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
H11B1S1(TA)-V EVERLIGHT-H11B1S1(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
H11B1S1(TB)-V EVERLIGHT-H11B1S1(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
More results

Similar Description - H11B1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com