Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K50EQC240-1N Datasheet(PDF) 8 Page - Altera Corporation

Part # EPF10K50EQC240-1N
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EQC240-1N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EPF10K50EQC240-1N Datasheet HTML 4Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 5Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 6Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 7Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 8Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 9Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 10Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 11Page - Altera Corporation EPF10K50EQC240-1N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
Altera Corporation
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
Functional
Description
Each FLEX 10KE device contains an enhanced embedded array to
implement memory and specialized logic functions, and a logic array to
implement general logic.
The embedded array consists of a series of EABs. When implementing
memory functions, each EAB provides 4,096 bits, which can be used to
create RAM, ROM, dual-port RAM, or first-in first-out (FIFO) functions.
When implementing logic, each EAB can contribute 100 to 600 gates
towards complex logic functions, such as multipliers, microcontrollers,
state machines, and DSP functions. EABs can be used independently, or
multiple EABs can be combined to implement larger functions.
The logic array consists of logic array blocks (LABs). Each LAB contains
eight LEs and a local interconnect. An LE consists of a four-input look-up
table (LUT), a programmable flipflop, and dedicated signal paths for carry
and cascade functions. The eight LEs can be used to create medium-sized
blocks of logic—such as 8-bit counters, address decoders, or state
machines—or combined across LABs to create larger logic blocks. Each
LAB represents about 96 usable gates of logic.
Signal interconnections within FLEX 10KE devices (as well as to and from
device pins) are provided by the FastTrack Interconnect routing structure,
which is a series of fast, continuous row and column channels that run the
entire length and width of the device.
Each I/O pin is fed by an I/O element (IOE) located at the end of each row
and column of the FastTrack Interconnect routing structure. Each IOE
contains a bidirectional I/O buffer and a flipflop that can be used as either
an output or input register to feed input, output, or bidirectional signals.
When used with a dedicated clock pin, these registers provide exceptional
performance. As inputs, they provide setup times as low as 0.9 ns and
hold times of 0 ns. As outputs, these registers provide clock-to-output
times as low as 3.0 ns. IOEs provide a variety of features, such as JTAG
BST support, slew-rate control, tri-state buffers, and open-drain outputs.


Similar Part No. - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EQC240-1N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com