Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K50EQC240-3 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPF10K50EQC240-3
Description  Embedded Programmable Logic Device
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K50EQC240-3 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPF10K50EQC240-3 Datasheet HTML 3Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 4Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 5Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 6Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 7Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 8Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 9Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 10Page - Altera Corporation EPF10K50EQC240-3 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Altera Corporation
7
FLEX 10KE Embedded Programmable Logic Devices Data Sheet
f For more information on FLEX device configuration, see the following
documents:
Configuration Devices for APEX & FLEX Devices Data Sheet
BitBlaster Serial Download Cable Data Sheet
ByteBlasterMV Parallel Port Download Cable Data Sheet
MasterBlaster Download Cable Data Sheet
Application Note 116 (Configuring APEX 20K, FLEX 10K, & FLEX 6000
Devices)
FLEX 10KE devices are supported by the Altera development systems,
which are integrated packages that offer schematic, text (including
AHDL), and waveform design entry, compilation and logic synthesis, full
simulation and worst-case timing analysis, and device configuration. The
Altera software provides EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL,
and other interfaces for additional design entry and simulation support
from other industry-standard PC- and UNIX workstation-based EDA
tools.
The Altera software works easily with common gate array EDA tools for
synthesis and simulation. For example, the Altera software can generate
Verilog HDL files for simulation with tools such as Cadence Verilog-XL.
Additionally, the Altera software contains EDA libraries that use device-
specific features such as carry chains, which are used for fast counter and
arithmetic functions. For instance, the Synopsys Design Compiler library
supplied with the Altera development system includes DesignWare
functions that are optimized for the FLEX 10KE architecture.
The Altera development system runs on Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800.
f See the MAX+PLUS II Programmable Logic Development System & Software
Data Sheet and the Quartus Programmable Logic Development System &
Software Data Sheet for more information.


Similar Part No. - EPF10K50EQC240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50E ALTERA-EPF10K50E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K50E ALTERA-EPF10K50E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
More results

Similar Description - EPF10K50EQC240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K50EFC484-1 ALTERA-EPF10K50EFC484-1 Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K30E ALTERA-EPF10K30E Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
FLEX10KE ALTERA-FLEX10KE Datasheet
1Mb / 100P
   Embedded Programmable Logic Device
EPF10K100B ALTERA-EPF10K100B Datasheet
60Kb / 1P
   Embedded Programmable Logic Device
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com