Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11C6 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H11C6
Description  PHOTO SCR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11C6 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H11C6 Datasheet HTML 1Page - Fairchild Semiconductor H11C6 Datasheet HTML 2Page - Fairchild Semiconductor H11C6 Datasheet HTML 3Page - Fairchild Semiconductor H11C6 Datasheet HTML 4Page - Fairchild Semiconductor H11C6 Datasheet HTML 5Page - Fairchild Semiconductor H11C6 Datasheet HTML 6Page - Fairchild Semiconductor H11C6 Datasheet HTML 7Page - Fairchild Semiconductor H11C6 Datasheet HTML 8Page - Fairchild Semiconductor H11C6 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3/19/03
Page 5 of 11
© 2003 Fairchild Semiconductor Corporation
PHOTO SCR OPTOCOUPLERS
H11C1
H11C2
H11C3
H11C4
H11C5
H11C6
Figure 1. LED Forward Current vs. Forward Voltage
Figure 3. Input Trigger Current vs. Temperature
Figure 4. Off-State Current vs. Temperature
Figure 2. Trigger Current vs Anode-Cathode Voltage
FORWARD VOLTAGE - VF (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
TA = 100˚C
TA = 25˚C
TA = -40˚C
VAK, ANODE-CATHODE VOLTAGE (V)
110
100
0.1
1
10
100
RGK = 300 ohm
RGK = 1K
RGK = 10K
NORMALIZED TO
VAK = 50V
RGK = 10K
TA = 25
oC
RGK = 27K
RGK = 56K
TA, AMBIENT TEMPERATURE (
oC)
-60
-40
-20
0
20
40
60
80
100
0.1
1
10
RGK = 300 ohm
RGK = 1K
RGK = 10K
RGK = 27K
RGK = 56K
NORMALIZED TO
TA = 25
oC
RGK = 10K
VAK = 50V
TA, AMBIENT TEMPERATURE (
o
C)
020
406080
100
0.1
1
10
100
1000
oC
NORMALIZED TO
TA = 25
VAK = 50V
VAK = 400V
VAK = 200V
VAK = 50V


Similar Part No. - H11C6

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11C6 QT-H11C6 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Vishay Siliconix
H11C6 VISHAY-H11C6 Datasheet
95Kb / 5P
   Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current
Rev. 1.6, 26-Oct-04
logo
New Jersey Semi-Conduct...
H11C6 NJSEMI-H11C6 Datasheet
44Kb / 1P
   Photo SCR
logo
Vishay Siliconix
H11C6-X009 VISHAY-H11C6-X009 Datasheet
95Kb / 5P
   Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current
Rev. 1.6, 26-Oct-04
More results

Similar Description - H11C6

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
New Jersey Semi-Conduct...
H11C1 NJSEMI-H11C1 Datasheet
44Kb / 1P
   Photo SCR
logo
Microsemi Corporation
MXP1017 MICROSEMI-MXP1017 Datasheet
38Kb / 1P
   Photo SCR
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
   PHOTO FET OPTOCOUPLERS
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com