Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L2M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11L2M
Description  6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11L2M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11L2M Datasheet HTML 1Page - Fairchild Semiconductor H11L2M Datasheet HTML 2Page - Fairchild Semiconductor H11L2M Datasheet HTML 3Page - Fairchild Semiconductor H11L2M Datasheet HTML 4Page - Fairchild Semiconductor H11L2M Datasheet HTML 5Page - Fairchild Semiconductor H11L2M Datasheet HTML 6Page - Fairchild Semiconductor H11L2M Datasheet HTML 7Page - Fairchild Semiconductor H11L2M Datasheet HTML 8Page - Fairchild Semiconductor H11L2M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/24/03
Page 3 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
OPTOISOLATORS LOGIC OUTPUT
H11L1M
H11L2M
H11L3M
NOTE:
*Maximum IF(ON) is the maximum current required to trigger the output. For example, a 1.6mA maximum trigger current would
require the LED to be driven at a current greater than 1.6mA to guarantee the device will turn on. A 10% guard band is recom-
mended to account for degradation of the LED over its lifetime. The maximum allowable LED drive current is 60mA.
ISOLATION CHARACTERISTICS
Parameters
Test Conditions
Symbol
Min
Typ
Max
Units
Input-Output Isolation Voltage
t =1 sec.
VISO
7500
VPEAK
Isolation Capacitance
VI-O = 0V, f = 1 MHz
CISO
0.4
0.6
pF
Isolation Resistance
VI-O = ±500 VDC
RISO
1011
TRANSFER CHARACTERISTICS
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
Supply Current
IF = 10mA, VCC = 5V
ICC(on)
All
1.6
5.0
mA
Output Voltage, low
RL=270Ω,VCC=5V, IF=IF(on) max.
VOL
All
0.2
0.4
V
Turn-On Threshold Current
RL=270Ω, VCC = 5V
IF(on)*
H11L1M
1.6
mA
H11L2M
10.0
H11L3M
5.0
Turn-Off Threshold Current
RL=270Ω, VCC = 5V
IF(off)
All
0.3
1.0
mA
Hysteresis Ratio
RL=270Ω, VCC = 5V
IF(off)/IF(on)
All
0.50
0.75
0.90
AC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
SWITCHING SPEED
Turn-On time
RL=270Ω, VCC = 5V, IF=IF(on),
TA=25°C
ton
All
1.0
µs
0.65
4
Fall Time
RL=270Ω, VCC = 5V, IF=IF(on),
TA=25°C
tf
All
0.1
µs
.05
0.1
Turn-Off Time
RL=270Ω, VCC = 5V, IF=IF(on),
TA=25°C
toff
All
2.0
µs
1.2
4
Rise time
RL=270Ω, VCC = 5V, IF=IF(on),
TA=25°C
tr
All
0.1
µs
0.07
0.1
Data Rate
All
1.0
MHz


Similar Part No. - H11L2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L2M FAIRCHILD-H11L2M Datasheet
516Kb / 9P
   OPTOISOLATORS LOGIC OUTPUT
H11L2M FAIRCHILD-H11L2M Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
H11L2M FAIRCHILD-H11L2M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
CT Micro International ...
H11L2M CTMICRO-H11L2M Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
logo
ON Semiconductor
H11L2M ONSEMI-H11L2M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
More results

Similar Description - H11L2M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com