Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L3M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11L3M
Description  6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11L3M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11L3M Datasheet HTML 1Page - Fairchild Semiconductor H11L3M Datasheet HTML 2Page - Fairchild Semiconductor H11L3M Datasheet HTML 3Page - Fairchild Semiconductor H11L3M Datasheet HTML 4Page - Fairchild Semiconductor H11L3M Datasheet HTML 5Page - Fairchild Semiconductor H11L3M Datasheet HTML 6Page - Fairchild Semiconductor H11L3M Datasheet HTML 7Page - Fairchild Semiconductor H11L3M Datasheet HTML 8Page - Fairchild Semiconductor H11L3M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3/24/03
Page 2 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
OPTOISOLATORS LOGIC OUTPUT
H11L1M
H11L2M
H11L3M
ABSOLUTE MAXIMUM RATINGS
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +150
°C
Operating Temperature
TOPR
All
-40 to +85
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation @ 25°C
PD
All
250
mW
Derate Above 25°C
2.94
mW/°C
EMITTER
Continuous Forward Current
IF
All
60
mA
Reverse Voltage
VR
All
6
V
Forward Current - Peak (1 µs pulse, 300 pps)
IF(pk)
All
3.0
A
LED Power Dissipation 25°C Ambient
PD
All
120
mW
Derate Linearly From 25°C
1.41
mW/°C
DETECTOR
Detector Power Dissipation @ 25°C
PD
All
150
mW
Derate Linearly from 25°C
2.0
mW/°C
V45 Allowed Range
VO
All
0 to 16
V
V65 Allowed Range
VCC
All
3 to 16
V
I4 Output Current
IO
All
50
mA
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ
Max
Units
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.2
1.5
V
IF = 0.3 mA
0.75
1.0
Reverse Current
VR = 3 V
IR
All
10
µA
Capacitance
V = 0, f = 1.0 MHz
CJ
All
100
pF
DETECTOR
Operating Voltage Range
VCC
All
3
15
V
Supply Current
IF = 0, VCC = 5V
ICC(off)
All
1.6
5.0
mA
Output Current, High
IF = 0, VCC = VO = 15V
IOH
All
100
µA


Similar Part No. - H11L3M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L3M FAIRCHILD-H11L3M Datasheet
516Kb / 9P
   OPTOISOLATORS LOGIC OUTPUT
H11L3M FAIRCHILD-H11L3M Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
H11L3M FAIRCHILD-H11L3M Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
CT Micro International ...
H11L3M CTMICRO-H11L3M Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
logo
ON Semiconductor
H11L3M ONSEMI-H11L3M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
More results

Similar Description - H11L3M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
   6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
Motorola, Inc
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
   6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
   6-pin dip optoisolators logic output
logo
Motorola, Inc
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
   6-Pin DIP Optoisolators Transistor Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
   6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com