Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11N2-M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H11N2-M
Description  6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11N2-M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H11N2-M Datasheet HTML 1Page - Fairchild Semiconductor H11N2-M Datasheet HTML 2Page - Fairchild Semiconductor H11N2-M Datasheet HTML 3Page - Fairchild Semiconductor H11N2-M Datasheet HTML 4Page - Fairchild Semiconductor H11N2-M Datasheet HTML 5Page - Fairchild Semiconductor H11N2-M Datasheet HTML 6Page - Fairchild Semiconductor H11N2-M Datasheet HTML 7Page - Fairchild Semiconductor H11N2-M Datasheet HTML 8Page - Fairchild Semiconductor H11N2-M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4/14/03
Page 5 of 9
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP
HIGH SPEED LOGIC OPTOCOUPLERS
H11N1-M
H11N2-M
H11N3-M
Figure 6. Supply Current vs. Supply Voltage
Figure 7. LED Forward Voltage vs. Forward Current
VCC - SUPPLY VOLTAGE (V)
24
6
8
10
12
14
16
0
2
4
6
8
10
12
OFF STATE IF = 0
ON STATE IF = 10mA
TA= 85°C
TA = -25°C
TA = 25°C
VF - FORWARD VOLTAGE (V)
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
TA = 85°C
TA = -25°C
TA = 25°C


Similar Part No. - H11N2-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N2-M FAIRCHILD-H11N2-M Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results

Similar Description - H11N2-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
6N137M ONSEMI-6N137M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
CNY17 ONSEMI-CNY17 Datasheet
372Kb / 12P
   6-Pin DIP High BVCEO Phototransistor Optocouplers
December, 2022 - Rev. 3
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
   FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com