Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-Q150 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-Q150
Description  Subminiature LED Lamps nondiff used dome for high brightness
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-Q150 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-Q150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HLMP-Q150 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
High Performance Green
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P502-F00xx
1.0
3.0
P505-G00xx
1.6
6.3
IF = 10 mA
6500-F00xx
1.0
7.0
6505-L00xx
Luminous Intensity[1]
Iv
10.0
40.0
mcd
7040-D00xx
0.4
0.6
IF = 2 mA
6800-G00xx
1.6
5.0
VF = 5.0 Volts
6820-F00xx
1.0
2.0
All
Forward Voltage
VF
2.1
2.7
V
IF = 10 mA
(Nonresistor Lamps)
6800
Forward Current
IF
9.6
13.0
mA
VF = 5.0 V
6820
(Resistor Lamps)
3.5
5.0
All
Reverse Breakdown Voltage
VR
5.0
50.0
V
IR = 100 μA
P505
Included Angle Between
125
6505
Half Intensity Points[2]
2
1/2
28
Deg.
All Diffused
90
Peak Wavelength
PEAK
565
nm
Dominant Wavelength[3]
d
569
nm
Spectral Line Half Width
1/2
28
nm
All
Speed of Response
s
500
ns
Capacitance
C
18
pF
VF = 0; f = 1 MHz
Thermal Resistance
R
J-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
v
595
lm/W
Notes:
1. The luminous intensity for arrays is tested to assure a 2.1 to 1.0 matching between elements. The average luminous intensity for an array
determines its light output category bin. Arrays are binned for luminous intensity to allow Iv matching between arrays.
2.
1/2 is the off-axis angle where the luminous intensity is half the on-axis value.
3. Dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the single wavelength that defines the color of the
device.
4. Radiant intensity, Ie, in watts/steradian, may be calculated from the equation Ie = Iv/
v, where Iv is the luminous intensity in
candelas and
v is the luminous efficacy in lumens/watt.


Similar Part No. - HLMP-Q150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-Q150 HP-HLMP-Q150 Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-Q150 BOARDCOM-HLMP-Q150 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-Q150-F0000 HP-HLMP-Q150-F0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-Q150-F00XX HP-HLMP-Q150-F00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
QT Optoelectronics
HLMP-Q150A QT-HLMP-Q150A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
More results

Similar Description - HLMP-Q150

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-6000-E00XX HP-HLMP-6000-E00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
Micro Electronics
MSB34XA MICRO-ELECTRONICS-MSB34XA Datasheet
102Kb / 2P
   3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com