Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3064ATI100-10N Datasheet(PDF) 8 Page - Altera Corporation

Part # EPM3064ATI100-10N
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3064ATI100-10N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EPM3064ATI100-10N Datasheet HTML 4Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 5Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 6Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 7Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 8Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 9Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 10Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 11Page - Altera Corporation EPM3064ATI100-10N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
Expander Product Terms
Although most logic functions can be implemented with the five product
terms available in each macrocell, highly complex logic functions require
additional product terms. Another macrocell can be used to supply the
required logic resources. However, the MAX 3000A architecture also
offers both shareable and parallel expander product terms (“expanders”)
that provide additional product terms directly to any macrocell in the
same LAB. These expanders help ensure that logic is synthesized with the
fewest possible logic resources to obtain the fastest possible speed.
Shareable Expanders
Each LAB has 16 shareable expanders that can be viewed as a pool of
uncommitted single product terms (one from each macrocell) with
inverted outputs that feed back into the logic array. Each shareable
expander can be used and shared by any or all macrocells in the LAB to
build complex logic functions. Shareable expanders incur a small delay
(tSEXP). Figure 3 shows how shareable expanders can feed multiple
macrocells.
Figure 3. MAX 3000A Shareable Expanders
Shareable expanders can be shared by any or all macrocells in an LAB.
Macrocell
Product-Term
Logic
Product-Term Select Matrix
Macrocell
Product-Term
Logic
36 Signals
from PIA
16 Shared
Expanders


Similar Part No. - EPM3064ATI100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3064ATI100-10N ALTERA-EPM3064ATI100-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3064ATI100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com