Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-93140 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # 5962-93140
Description  90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

5962-93140 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 5962-93140 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 5962-93140 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Applications Information
Thermal Model
The steady state thermal model for the HSSR-7110 is
shown in Figure 21. The thermal resistance values given
in this model can be used to calculate the temperatures
at each node for a given operating condition. The thermal
resistances between the LED and other internal nodes
are very large in comparison with the other terms and
are omitted for simplicity. The components do, however,
interact indirectly through θCA, the case-to-ambient
thermal resistance. All heat generated flows through θCA,
which raises the case temperature TC accordingly. The val-
ue of θCA depends on the conditions of the board design
and is, therefore, determined by the designer.
The maximum value for each output MOSFET junction-
to-case thermal resistance is specified as 15°C/W . The
thermal resistance from FET driver junction-to-case is also
15°C/W/W. The power dissipation in the FET driver, how-
ever, is negligible in comparison to the MOSFETs.
On-Resistance and Rating Curves
The output on-resistance, RON, specified in this data sheet,
is the resistance measured across the output contact
when a pulsed current signal (IO = 800 mA) is applied to
the output pins. The use of a pulsed signal (≤ 30 ms) im-
plies that each junction temperature is equal to the am-
bient and case temperatures. The steadystate resistance,
RSS, on the other hand, is the value of the resistance mea-
sured across the output contact when a DC current signal
is applied to the output pins for a duration sufficient to
reach thermal equilibrium. RSS includes the effects of the
temperature rise of each element in the thermal model.
Rating curves are shown in Figures 2 and 4. Figure 2 speci-
fies the maximum average output current allowable for a
given ambient temperature. Figure 4 specifies the output
power dissipation allowable for a given ambient tempera-
ture. Above 55°C (for θCA = 80°C/W) and 107°C (for θCA =
40°C/W/W), the maximum allowable output current and
power dissipation are related by the expression RSS =
PO(max)/ (IO(max))2 from which RSS can be calculated. Stay-
ing within the safe area assures that the steady-state junc-
tion temperatures remain less than 150°C. As an example,
for TA = 95°C and θCA = 80°C/W , Figure 2 shows that the
output current should be limited to less than 610 mA. A
check with Figure 4 shows that the output power dissipa-
tion at TA = 95°C and IO = 610 mA, will be limited to less
than 0.35 W. This yields an RSS of 0.94 Ω.
Figure 20. Burn-In Circuit.
NOTE:
IN ORDER TO DETERMINE V
BE MEASURED FOR THE BURN-IN BOARDS TO BE USED. THEN, KNOWING
CORRECT OUTPUT CURRENT PER FIGURES 2 AND 4 TO INSURE THAT THE DEVICE MEETS THE
DERATING REQUIREMENTS AS SHOWN.
OUT CORRECTLY, THE CASE TO AMBIENT THERMAL IMPEDANCE MUST
CA , DETERMINE THE
2
3
4
1
6
7
5
8
R IN
V IN
5.5 V
1.0
R OUT
V O (SEE NOTE)
200
1.0
R OUT
HSSR-7110
Figure 21. Thermal Model.
T je = LED JUNCTION TEMPERATURE
T jf1 = FET 1 JUNCTION TEMPERATURE
T jf2 = FET 2 JUNCTION TEMPERATURE
T jd = FET DRIVER JUNCTION TEMPERATURE
T C = CASE TEMPERATURE (MEASURED AT CENTER
OF PACKAGE BOTTOM)
T A = AMBIENT TEMPERATURE (MEASURED 6" AWAY
FROM THE PACKAGE)
CA = CASE-TO-AMBIENT THERMAL RESISTANCE
ALL THERMAL RESISTANCE VALUES ARE IN ˚C/W
T je
CA
104
15
T A
T C
T jd
T jf1
15
15
T jf2
V OS
+
DIGITAL
NANOVOLTMETER
ISOTHERMAL CHAMBER
HSSR-7110
2
3
4
1
6
7
5
8
-
IF
+
-
Figure 19. Voltage Offset Test Setup.


Similar Part No. - 5962-93140

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-93140 AVAGO-5962-93140 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
5962-9314001 BOARDCOM-5962-9314001 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
5962-9314002 BOARDCOM-5962-9314002 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
5962-9314002HXA BOARDCOM-5962-9314002HXA Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - 5962-93140

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com